Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # CS5.241
Description  SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CS5.241 Datasheet HTML 17Page - PULS GmbH CS5.241 Datasheet HTML 18Page - PULS GmbH CS5.241 Datasheet HTML 19Page - PULS GmbH CS5.241 Datasheet HTML 20Page - PULS GmbH CS5.241 Datasheet HTML 21Page - PULS GmbH CS5.241 Datasheet HTML 22Page - PULS GmbH CS5.241 Datasheet HTML 23Page - PULS GmbH CS5.241 Datasheet HTML 24Page - PULS GmbH CS5.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C-Line
24V, 5A, SINGLE PHASE INPUT
21.3. REDUNDANCY MODULES
YRM2.DIODE – (2x 10A Inputs, 1x 20A output)
The YRM2.DIODE is a dual redundancy module, which can be used to build redundant
systems. It is equipped with two input channels, which are individually decoupled by
utilizing diodes.
The YRM2.DIODE does not require an additional auxiliary voltage and is self-powered even
in case of a short circuit across the output.
The YRM2.DIODE has a monitoring circuit included and is the perfect solution when the
power supply has no DC-OK function. Two LEDs and two relay contacts signal when one of
the two DC-input voltages is not in range due to a non-functioning or disconnected power
supply.
Due to the compact design, the unit is very slender and only requires 32mm width on the
DIN-rail.
Fig. 21-1 Typical 1+1 Redundant configuration for 5A load current
Failure
Monitor
5A
Load
optional
I
I
L
N
PE
YRM2.DIODE
+
-
OUT
+
-
IN 1
+
-
IN 2 IN 1 IN 2
L N PE
CS5
Power Supply
+ +
- -
24V, 5A
L N PE
CS5
Power Supply
+ +
- -
24V, 5A
Jul. 2015 / Rev. 2.0 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com