Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.243 Datasheet(PDF) 10 Page - PULS GmbH

Part # CS10.243
Description  24V, 10A, SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.243 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CS10.243 Datasheet HTML 6Page - PULS GmbH CS10.243 Datasheet HTML 7Page - PULS GmbH CS10.243 Datasheet HTML 8Page - PULS GmbH CS10.243 Datasheet HTML 9Page - PULS GmbH CS10.243 Datasheet HTML 10Page - PULS GmbH CS10.243 Datasheet HTML 11Page - PULS GmbH CS10.243 Datasheet HTML 12Page - PULS GmbH CS10.243 Datasheet HTML 13Page - PULS GmbH CS10.243 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CS10.243
C-Line
24V, 10A, SINGLE PHASE INPUT
9. LIFETIME EXPECTANCY AND MTBF
AC 100V
AC 120V
Lifetime expectancy*)
93 000h
99 000h
at 24V, 5A and 40°C
264 000h*)
281 000h*)
at 24V, 5A and 25°C
38 000h
50 000h
at 24V, 10A and 40°C
108 000h
141 000h*)
at 24V, 10A and 25°C
27 000h
34 000h
at 24V, 12A and 40°C
76 000h
96 000h
at 24V, 12A and 25°C
MTBF**) SN 29500, IEC 61709
690 000h
710 000h
at 24V, 10A and 40°C
587 000h
604 000h
at 24V, 12A and 40°C
1 193 000h
1 228 000h
at 24V, 10A and 25°C
MTBF**) MIL HDBK 217F
500 000h
505 000h
at 24V, 10A and 40°C;
Ground Benign GB40
450 000h
455 000h
at 24V, 12A and 40°C;
Ground Benign GB40
685 000h
692 000h
at 24V, 10A and 25°C;
Ground Bening GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
10. FUNCTIONAL DIAGRAM
Fig. 10-1 Functional diagram
+
+
-
-
V
OUT
Input Fuse
&
Input Filter
Output
Voltage
Regulator
Power
Converter
Output
Filter
DC
ok
L
N
Output
Over-
Voltage
Protection
Input
Rectifier
&
Inrush
Limiter (NTC)
Jul. 2015 / Rev. 2.0 DS-CS10.243-EN
All parameters are specified at 24V, 10A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com