Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.243 Datasheet(PDF) 1 Page - PULS GmbH

Part # CS10.243
Description  24V, 10A, SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.243 Datasheet(HTML) 1 Page - PULS GmbH

  CS10.243 Datasheet HTML 1Page - PULS GmbH CS10.243 Datasheet HTML 2Page - PULS GmbH CS10.243 Datasheet HTML 3Page - PULS GmbH CS10.243 Datasheet HTML 4Page - PULS GmbH CS10.243 Datasheet HTML 5Page - PULS GmbH CS10.243 Datasheet HTML 6Page - PULS GmbH CS10.243 Datasheet HTML 7Page - PULS GmbH CS10.243 Datasheet HTML 8Page - PULS GmbH CS10.243 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CS10.243
C-Line
24V, 10A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-120V Single-Phase Input
Width only 60mm
Efficiency up to 91.3%
Easy Fuse Breaking due to High Overload Peak Current
20% Output Power Reserves
Full Output Power up to +60°C
3 Year Warranty
1/25
GENERAL DESCRIPTION
The DIMENSION C-Line units are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Line is part of the DIMENSION
power supply family, existing alongside the high
featured Q-Line.
The CS10.243 includes all the essential basic functions
and the devices have a power reserve of 20%. This extra
current may even be used continuously at temperatures
up to +45°C.
The most important features are the small size, high
efficiency and the wide temperature range.
The unit has an input for 100-120V mains only. This
supports regional applications and offers additional cost
savings without sacrificing functionality.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
10A
at 24V, amb <60°C
12A
at 24V, amb <45°C
8.6A
at 28V, amb <60°C
10.3A
at 28V, amb <45°C
Output power
240W
ambient <60°C
288W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-120V
±10%
Mains frequency
50-60Hz
±6%
AC Input current
3.71A
at 120Vac
DC Input voltage
-
not allowed
Power factor
0.59
at 120Vac
AC Inrush current
85A peak
at 120Vac
Efficiency
91.3%
at 120Vac
Losses
22.9W
at 120Vac
Temperature range 0°C to +70°C
operational
Derating *)
6W/°C
+60 to +70°C
Hold-up time
46ms
at 120Vac
Dimensions
60x124x117mm WxHxD
Weight
700g / 1.54lb
ORDER NUMBERS
Power Supply
CS10.243
24-28V Standard unit
(AC 100-120V-Version)
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
YR40.241
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Jul. 2015 / Rev. 2.0 DS-CS10.243-EN
All parameters are specified at 24V, 10A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CS10.243

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
CS10.241-S1 PULS-CS10.241-S1 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
CS10.242 PULS-CS10.242 Datasheet
654Kb / 25P
SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - CS10.243

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
24V, 10A, THREE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
24V, 10A, 240W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com