Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.243 Datasheet(PDF) 4 Page - PULS GmbH

Part # CS10.243
Description  24V, 10A, SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.243 Datasheet(HTML) 4 Page - PULS GmbH

  CS10.243 Datasheet HTML 1Page - PULS GmbH CS10.243 Datasheet HTML 2Page - PULS GmbH CS10.243 Datasheet HTML 3Page - PULS GmbH CS10.243 Datasheet HTML 4Page - PULS GmbH CS10.243 Datasheet HTML 5Page - PULS GmbH CS10.243 Datasheet HTML 6Page - PULS GmbH CS10.243 Datasheet HTML 7Page - PULS GmbH CS10.243 Datasheet HTML 8Page - PULS GmbH CS10.243 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CS10.243
C-Line
24V, 10A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-120V
±10%
Mains network systems
TN, TT or IT
AC input range
min.
90-132Vac
85-90Vac
132-150Vac
continuous operation
short-tem or with reduced output current
max. 500ms
Allowed voltage L or N to earth
max.
300Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
82Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
78Vac
steady-state value, see Fig. 3-1
External input protection
See recommendations in chapter 22.3.
AC 100V
AC 120V
Input current
typ.
4.32A
3.71A
at 24V, 10A, see Fig. 3-3
Power factor*)
typ.
0.61
0.59
at 24V, 10A, see Fig. 3-4
Crest factor**)
typ.
2.6
2.8
at 24V, 10A
Start-up delay
typ.
250ms
215ms
see Fig. 3-2
Rise time
typ.
35ms
35ms
at 24V, 10A const. current load,
0mF load capacitance, see Fig. 3-2
typ.
75ms
75ms
at 24V, 10A const. current load,
10mF load capacitance,, see Fig. 3-2
Turn-on overshoot
max.
100mV
100mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage ranges
Fig. 3-2 Turn-on behavior, definitions
(85) 90
V
IN
P
OUT
150Vac
132
Rated Input
Range
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Jul. 2015 / Rev. 2.0 DS-CS10.243-EN
All parameters are specified at 24V, 10A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com