Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.243 Datasheet(PDF) 5 Page - PULS GmbH

Part # CS10.243
Description  24V, 10A, SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.243 Datasheet(HTML) 5 Page - PULS GmbH

  CS10.243 Datasheet HTML 1Page - PULS GmbH CS10.243 Datasheet HTML 2Page - PULS GmbH CS10.243 Datasheet HTML 3Page - PULS GmbH CS10.243 Datasheet HTML 4Page - PULS GmbH CS10.243 Datasheet HTML 5Page - PULS GmbH CS10.243 Datasheet HTML 6Page - PULS GmbH CS10.243 Datasheet HTML 7Page - PULS GmbH CS10.243 Datasheet HTML 8Page - PULS GmbH CS10.243 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CS10.243
C-Line
24V, 10A, SINGLE PHASE INPUT
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
12A
2
3
4567
8
9
0
1
2
3
4
5
6A
Input Current, typ.
10 11
Output Current
a) 100Vac
b) 120Vac
(a)
(b)
12A
2
34
6
8
0.35
0.40
10
Output Current
5
7
9
11
0.45
0.50
0.55
0.60
0.65
Power Factor, typ.
a) 100Vac
b) 120Vac
(a)
(b)
Fig. 3-5 Input voltage derating
0
30
40
50
70°C
2
4
6
8
10
12A
60
Ambient Temperature
A
A... at 85Vac, continuous
B... short term
B
Allowable Output Current at 85Vac
Jul. 2015 / Rev. 2.0 DS-CS10.243-EN
All parameters are specified at 24V, 10A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com