Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors ZXSC440 Datasheet HTML 10Page - Zetex Semiconductors ZXSC440 Datasheet HTML 11Page - Zetex Semiconductors ZXSC440 Datasheet HTML 12Page - Zetex Semiconductors ZXSC440 Datasheet HTML 13Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ZXSC440
SEMICO NDUC TORS
DRAFT ISSUE F - MAY 2004
13
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquaters
Zetex plc
Fields New Road, Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2004
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.10
-
0.0433
E
4.90 BSC
0.025 BSC
A1
0.05
0.15
0.002
0.006
E1
2.90
3.10
0.114
0.122
A2
0.75
0.95
0.0295
0.0374
e
0.65 BSC
0.193 BSC
b
0.25
0.40
0.010
0.0157
L
0.40
0.70
0.0157
0.0192
c
0.13
0.23
0.005
0.009
R
0.07
-
0.0027
-
PACKAGE DIMENSIONS
Controlling dimensions are in millimeters. Approximate conversions are given in inches
e
D
A1
0.25
15%%D MAX
GAGE PLANE
R1
R
c
INDENT AREA
(D/2 X E1/2)
b
0%%D-6%%D
1
8
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com