Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXSC440 Datasheet HTML 2Page - Zetex Semiconductors ZXSC440 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors ZXSC440 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
APPLICATIONS
Switching transistor selection
The choice of switching transistor has a major impact
on the converter efficiency. For optimum performance,
a bipolar transistor with low VCE(SAT) and high gain is
required. The VCEO of the switching transistor is also an
important parameter as this sees typically three times
the input voltage when the transistor is switched off.
Zetex SuperSOT
™ transistors are an ideal choice for
this application. At input voltages above 4V, suitable
Zetex MOSFET transistors will give almost the same
performance with a simpler drive circuit, omitting the
ZXTD6717 pre-drive stage.
Using a MOSFET, the
Schottky diode may be omitted, as the body diode of
the MOSFET will perform the same function, with just a
small loss of efficiency.
Output rectifier diode selection
The diode should have a fast recovery, as any time
spent in reverse conduction removes energy from the
reservoir capacitor and dumps it, via the transformer,
into the protection diode across the output transistor.
This seriously reduces efficiency. Two BAS21 diodes
in series have been used, bearing in mind that the
reverse voltage across the diode is the sum of the
output voltage together with the input voltage
multiplied by the step-up ratio of the transformer:
VR(DIODE) = VOUT(MAX) + (VIN x TURNSRATIO)
Sense resistor
A low value sense resistor is required to set the peak
current. Power in this resistor is negligible due to the
low sense voltage threshold, VSENSE. Below is a table of
recommended sense resistors:
Using a 22m
sense resistor results in a peak current of
just over 1.2A.
Therefore, with a 300V output, a supply of 8 volts and a
1:12 step-up transformer, there will be a 396V across
the diode. This occurs during the current ramp-up in
the primary, as it transforms the input voltage up by the
turns ratio and the polarity at the secondary is such as
to
add to the output voltage already being held off by
the diode.
Peak current definition
In general, the IPK value must be chosen to ensure that
the switching transistor, Q1, is in full saturation with
maximum output power conditions, assuming
worse-case input voltage and transistor gain under all
operating temperature extremes.
Once IPK is decided the value of RSENSE can be
determined by:
R
V
I
SENSE
SENSE
PK
=
ZXSC440
SEMICO NDUC TORS
DRAFT ISSUE F - MAY 2004
6
Manufacturer
Series
RDC( ) Range
Size
Tolerance
URL
Cyntec
RL1220
0.022 - 10
0805
±5%
http://www.cyntec.com
IRC
LR1206
0.010 - 1.0
1206
±5%
http://www.irctt.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com