Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXSC440 Datasheet HTML 1Page - Zetex Semiconductors ZXSC440 Datasheet HTML 2Page - Zetex Semiconductors ZXSC440 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ZXSC440
SEMICO NDUC TORS
DRAFT ISSUE F - MAY 2004
3
BLOCK DIAGRAM
PIN #
NAME
DESCRIPTION
1
DRIVE
Drive output for external switching transistor. Connect to base or gate of external
switching transistor
2VFB
Reference voltage. Internal threshold set to 300mV. Connect external resistor
network to set output voltage
3
SENSE
Inductor current sense input. Internal threshold voltage set to 28mV. Connect
external sense resistor
4
N/C
5
CHARGE
Initiate photoflash capacitor charging
6
READY
Signal to microprocessor when photoflash capacitor charged
7
GND
Ground
8VCC
Supply voltage, 1.8V to 8V
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com