Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXSC440 Datasheet HTML 1Page - Zetex Semiconductors ZXSC440 Datasheet HTML 2Page - Zetex Semiconductors ZXSC440 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXSC440 is a dedicated photoflash charger,
charging an 80 F photoflash capacitor to 300V in 3.5
seconds from a 3V supply.
The flyback conversion efficiency is typically 75%,
much higher than the commonly used discrete
charging circuits.
The Charge pin enables the circuit to be initiated from
the camera's microprocessor, using negligible current
when flash is not being used.
FEATURES
• Charges a 80 F photoflash capacitor to 300V in
3.5 seconds from 3V
• Charges various value photoflash capacitors
• Over 75% flyback efficiency
• Charge and Ready pins
• Consumes only 4.5 A when not charging
• Small MSOP8 low profile package
The Ready pin signals the microprocessor when the
flash is charged and ready to be fired.
A small amount of hysteresis on the voltage feedback
shuts down the device as long as the capacitor remains
fully charged, again using negligible current.
APPLICATIONS
• Digital camera flash unit
• Film camera flash unit
ZXSC440
DRAFT ISSUE F - MAY 2004
PHOTOFLASH CHARGER
1
PINOUT
MSOP8 pin TOP VIEW
TYPICAL APPLICATION CIRCUIT
DEVICE
DEVICE DESCRIPTION
TEMPERATURE RANGE
PART
MARK
TAPING
OPTIONS
ZXSC440X8TA
Camera flash charger
-40°C to +85°C
ZXSC440
TA, TC
ZXSC440X8TC
ORDERING INFORMATION
• TA reels hold 1000 devices
• TC reels hold 4000 devices


Similar Part No. - ZXSC440

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC440 ZETEX-ZXSC440 Datasheet
173Kb / 16P
PHOTOFLASH CHARGER
logo
Diodes Incorporated
ZXSC440 DIODES-ZXSC440 Datasheet
161Kb / 16P
PHOTOFLASH CHARGER
JANUARY 2005
ZXSC440 DIODES-ZXSC440 Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 6
logo
Zetex Semiconductors
ZXSC440X8TA ZETEX-ZXSC440X8TA Datasheet
173Kb / 16P
PHOTOFLASH CHARGER
logo
Diodes Incorporated
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
161Kb / 16P
PHOTOFLASH CHARGER
JANUARY 2005
More results

Similar Description - ZXSC440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
Photoflash Capacitor Charger in ThinSOT
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
Photoflash Capacitor Charger for DSC
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
Photoflash Capacitor Charger for DSC
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
Photoflash Capacitor Charger for DSC
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
Photoflash Capacitor Charger for DSC
logo
Zetex Semiconductors
ZXSC440 ZETEX-ZXSC440_05 Datasheet
173Kb / 16P
PHOTOFLASH CHARGER
logo
Diodes Incorporated
ZXSC440 DIODES-ZXSC440 Datasheet
161Kb / 16P
PHOTOFLASH CHARGER
JANUARY 2005
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
High Current Photoflash Capacitor Charger
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
High Performance Photoflash Capacitor Charger
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com