Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809082000 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 0809082000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 30Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
F = Console with continuous area
RO = Console with rear wall open, split key area
F-RO = Console with rear wall open, continous key area
P = Console with molded-on section for digital display
www.Rose-Bopla.com
32
L x W
Lx W
195 x 275
170 x 132
195 x 151
195 x 151
195 x 151
195 x 151
125 x 150
300 x 225
500 x 225
480 x 330
280 x 240
24.5 / 48.0
24.5 / 44.9
24.5 / 44.9
24.5 / 44.9
24.5 / 44.9
24.5 / 44.9
15.0 / 30.7
17.0 / 48.7
17.0 / 48.7
89.3
33.0
0.96 / 1.90
0.96 / 1.77
0.86 / 1.77
0.96 / 1.77
0.96 / 1.77
0.96 / 1.44
0.59 / 1.21
0.67 / 1.92
0.67 / 1.92
3.51
1.30
36.3
36.3
36.3
36.3
22.8
1.43
1.43
1.43
1.43
0.90
7.68 x 10.83
6.69 x 5.20
7.68 x 5.94
7.68 x 5.94
7.68 x 5.94
7.68 x 5.94
7.68 x 5.94
4.92 x 5.91
19.68 x 8.86
19.00 x 8.86
11.02 x 9.45
• Enclosures designed for keypads with a ergonomic sloped front
• Designs in which half-shells are assembled either as a console type or with the top
shell inverted as a parallel design.
Futura Sloped Housings
Included in delivery
Lid, base, assembly screws, and 4 rubber feet
RO Version with aluminum front panel
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Light gray, similar to RAL 7035. T 900, black, similar to RAL 9005. Special colors or request.
500 piece minimum order required.
ABS plastic
IP 40 DIN EN 60529
>1014 Ohm to DIN 53482
UL 94 HB/1.6
Model
Number
Part
Number
Design
Console
Design
Parallel
T 888 F
T 889 F
T 898
T 898 F
T 898 RO
T 898 F-RO
T 899
T 890
T 893
T 895 P
T 900
47888200 00
47889200 00
47898000 00
47898200 00
47898100 00
47898300 00
47899001 00
47890001 00
47893001 00
47895101 00
4790000 00
External
Dimensions
mm
External
Dimensions
mm
Height Console
External
Dimensions
Inches
Height Console
External
Dimensions
mm
Height Parallel
External
Dimensions
Inches
Height Parallel
External
Dimensions
Inches
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com