Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809082000 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 0809082000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
www.Rose-Bopla.com
36
Build-A-Box
® extrusions are sold in meter lengths and cut to
custom lengths to meet your exact design requirements.
Developments in electronics are progressing faster and faster.
Whereas complete modules could be housed in large standard
enclosures just a few years ago, for added space, today’s enclo-
sures must adapt themselves permanently to new requirements.
In addition to conventional protection requirements such as the
ingress protection classification (IP), the toughness against electro-
magnet interfering radiation is now an important selectrion criteria.
Rose electronic enclosures comply with all current requirements for
quality electronic enclosures:
- EMC or standard protection version
- for external, switchgear cabinet and internal use
- implementation as table, wall or regulator enclosure
- ingress protection up to IP 65
- design and functionality
Build-A-Box® Electronic Enclosures
Alubos
• 20 profiles are available with profiles that are closed, split horizontally, and/or
open on one side
• High mechanical loading capacity of the profile and EMC screening ensure
high level of protective functions
Multitronic Build-A-Box
®
• 8 enclosure profile configurations from 105W x 36H mm to 208W x 54H mm
• Application area: EMC mounting enclosure in measurement and control engineering
Multitronic TS Build-A-Box
®
• 8 enclosure profile configurations from 46/72W x 61H mm to 105W x 84H mm
• Application area: EMC enclosure for measurement/control engineering and DIN rail
mounting
Custom Build-A-Box
®
• 8 enclosure profile configurations from 105W x 85H mm to 196W x 167H mm
• Application area: PCB slot-in enclosure in measurement and control engineering
Profitronic
• 39 enclosures in sizes from 148 x 235 x 149 mm to 265 x 276 x 241 mm
• Application area: mechanical engineering, MCR-technology, Bus-technology
Profitronic Universal
• 12 enclosures in sizes from 148 x 258 x 149 mm to 265 x 285 x 241 mm
• Application area: mechanical engineering, measurement and control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com