Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809082000 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # 0809082000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
77
43406204 00
43408504 00
43410104 00
43420104 00
43430004 00
43435004 00
43430604 00
43435604 00
• Eight basic sizes are available. This enclosure program comprises six
country-specific plugs and four different sockets.
• Because of their compactness and integrated cable inlets, the enclosures in the
SE 510/520 series are especially suitable for use as transformer mains power units.
Included in delivery
Lid and base, mounting screws, including connector
pins/socket inserts depending on type.
Technical Data
Color
Material
Ingress Protection
Flammability
Testing
SE 4 Series - lid, light gray, similar to RAL 7035; base, graphite gray, similar to RAL 7024. SE 5
series, black, similar to RAL 9005. Special colors on request
SE 4 Series-flame-resistance Polycarbonate/ABS blend. SE 5 Series-flame-resistant Polyamide,
PA 6.6 FR.
IP 40/DIN VDE 60529, IP 30 (enclosures with ventilation)
SE 4 Series, UL 94 VO/1.6. SE 5 Series, UL 94 VO/1
SE 5 Series tested to VDE 0624/IEC 884.
Model Number
Part Number
SE 420 EU
SE 406 E/CEE*
SE 408 E/CEE*
SE 410 E/CEE*
SE 420 E/CEE
SE 430 E/CEE
SE 435 E/CEE
SE 430 SEV*
SE 435 SEV*
SE 410 E/US*
SE 420 E/US*
SE 430E/US*
SE 435 E/US
SE 432 DE
SE 432 DE CEE*
SE 432 DE SEV*
SE 435 DE
SE 435 DE CEE*
43432504 00
43432704 00
43432604 00
43435504 00
43435704 00
43410404 00
43420224 00
43430104 00
43435204 00
65 x 50 x 30
65 x 50 x 45
100 x 50 x 40
100 x 50 x 25
120 x 65 x 40
120 x 65 x 66
120 x 65 x 40
120 x 65 x 66
100 x 50 x 25
100 x 50 x 40
120 x 65 x 40
120 x 65 x 66
120 x 65 x 50
120 x 65 x 50
120 x 65 x 50
120 x 65 x 66
120 x 65 x 66
43420204 00
100 x 50 x 40
3.94 x 1.97 x 1.57
2.56 x 1.97 x 1.18
2.56 x 1.97 x 1.77
3.94 x 1.97 x 0.98
3.94 x 1.97 x 1.57
4.72 x 2.56 x 1.57
4.72 x 2.56 x 2.60
4.72 x 2.56 x 1.57
4.72 x 2.56 x 2.56
3.94 x 1.97 x 0.98
3.94 x 1.97 x 1.57
4.72 x 2.56 x 1.57
4.72 x 2.56 x 2.60
4.72 x 2.56 x 1.97
4.72 x 2.56 x 1.97
4.72 x 2.56 x 1.97
4.72 x 2.56 x 2.60
4.72 x 2.56 x 2.60
Euro plug, DIN VDE 0620 part 101
E/CEE = plug with ground, DIN 49441 R2.
* = Available on request. Minimum order applies
SEV = Swiss version, with ground.
SEV-1011 type 12, minimum order 500+. *Available on request.
E-US = US version, with ground.
UL 498 or ANSI St. A 5-15, minimum order 500+.
*Available on request. Minimum order applies
DE = German version (DIN 49440/CEE 7 111)
DE-CEE = French version (CEE 7V)
DE-SEV = Swiss version (SEV 1011 Type 13)
* = Available on request. Minimum order applies.
SE 4 and SE 5 Plug Housings
Subject to minimum order quantities
Plug Enclosures with Euro Plug
Dimensions
mm
Dimensions
Inches
Version
L x W x H
L x W x H
Plug Enclosures with Swiss Plug
Plug Enclosures with American Plug
Plug Enclosures with Appropriate Socket
Plug Enclosures with German/French Plug
43510200 00
43510000 00
43510500 00
43510600 00
43510300 00
43510210 00
43510010 00
43510510 00
43510610 00
43510310 00
Model Number
Part Number
SE 510 EU
SE 510 E/CEE
SE 510 AS
SE 510 US
SE 510 GB*
SE 510 EU-L
SE 510 E/CEE-L
SE 510 AS-L
SE 510 US-L
SE 510 GB-L*
SE 520 EU
SE 520 E/CEE
SE 520 AS
SE 520 US
SE 520 GB*
SE 520 EU-L
SE 520 E/CEE-L
SE 520 AS-L
SE 520 US-L
SE 520 GB-L*
43520200 00
43520000 00
43520500 00
43520600 00
43520300 00
43520210 00
43520010 00
43520510 00
43520610 00
43520313 00
Euro plug DIN VDE 0620 part 101
German/French plug DIN 49441 R2
Australian plug AS 3112 without ground 7.5 A
American plug US 498 ANSI ST. A 1-15 without ground 15 A
British plug GB-BS 1363 with ground 13 A fuse
Euro plug DIN VDE 0620 part 101, with ventilation
German/French plug DIN 49441 R2, with ventilation
Australian plug AS 3112 without ground 7.5 A, with ventilation
American plug US 498 ANSI ST. A 1-15 without ground 15 A, with ventilaiton
British plug GB-BS 1363 with ground, 13 A fuse, with ventilation
Euro plug DIN VDE 0620 part 101
German/French plug DIN 49441 R2
Australian plug AS 3112 without ground 7.5 A
American plug US 498 ANSI ST. A 1-15 without ground 15 A
British plug GB-BS 1363 with ground 5 A fuse
Euro plug DIN VDE 0620 part 101, with ventilation
German/French plug DIN 49441 R2, with ventilation
Australian plug AS 3112 without ground 7.5 A, with ventilation
American plug US 498 ANSI ST. A 1-15 without ground 15 A, with ventilation
British plug GB-BS 1363 with ground, 5 A fuse, with ventilation
Description
Plugs SE 520...
Plugs SE 510...
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com