Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809082000 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # 0809082000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 71Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
69
Accessories
Version
Part Number
Model
22.5 x 109.5 x 75
45.0 x 109.5 x 75
55.0 x 109.5 x 75
70.0 x 109.5 x 75
100.0 x 109.5 x 75
255.0 x 109.5 x 75
45.0 x 109.5 x 75
55.0 x 109.5 x 75
70.0 x 109.5 x 75
100.0 x 109.5 x 75
0.88 x 4.31 x 2.95
1.77 x 4.31 x 2.95
2.16 x 4.31 x 2.95
2.75 x 4.31 x 2.95
3.94 x 4.31 x 2.95
10.03 x 4.31 x 2.95
1.77 x 4.31 x 2.95
2.16 x 4.31 x 2.95
2.75 x 4.31 x 2.95
3.94 x 4.31 x 2.95
• 5-width enclosure program for 35 mm rail unit can be adapted to suit specific
requirements by means of 4 different terminal types (PCB = variations) which, in
some cases, can be combined outside a unit
• Lower part can be supplied with an adjusting flap on the upper side (type CNS...)
that permits subsequent access to the electronic parts, e.g. for adjustment purposes
• Clear hood covers provide optimal protection for the operating fronts against dirt,
unauthorized access (lead seal) and unintentional terminal operation
• Front lids are membrane-keypad ready
Included in delivery
CN: Base, lid, mounted latch for rail fitting
CNS: Base, lid adjusting flap, mounted latch for rail fitting
Technical Data
Color
Material
Flammability
Surface Resistance
Ingress Protection
Light gray, similar to RAL 7035. Special colors or request. Minimum order quantities apply.
ABS
UL 94 HB/1.6
>1014 Ohm to DIN 53482
IP 40 to DIN EN 60529
Model
Part Number
CN 22 AK
CN 45 AK
CN 55 AK
CN 70 AK
CN 100 AK
CNS 22 AK
CNS 45 AK
CNS 55 AK
CNS 70 AK
CNS 100 AK
65002210 00
65004510 00
65005510 00
65007010 00
65010010 00
65002230 00
65004530 00
65005530 00
65007030 00
65010030 00
Small control enclosure for max. 8 terminals
Small control enclosure for max. 16 terminals
Small control enclosure for max. 20 terminals
Small control enclosure for max. 26 terminals
Small control enclosure for max. 138 terminals
Small control enclosure for max. 8 terminals with adjustable flap, included
Small control enclosure for max. 16 terminals with adjustable flap, included
Small control enclosure for max. 20 terminals with adjustable flap, included
Small control enclosure for max. 26 terminals with adjustable flap, included
Small control enclosure for max. 138 terminals with adjustable flap, included
Dimensions
mm
Dimensions
Inches
CombiNorm Classic
CNH 22 N
CNH 22 H
CNH 45 N
CNH 45 H
CNH 55 N
CNH 55 H
CNH 70 N
CNH 70 H
CNH 100 N
CNH 100 H
CNB 100
CNA 100
AK 700 V
AK 700 H
AK 950
STL 950
AK-BS
65002260 00
65002250 00
65004560 00
65004550 00
65005560 00
65005550 00
65007060 00
65007050 00
65010060 00
65010050 00
65010070 00
65010100 00
66000100 00
Hinged hood cover, crystal-clear, low, for enclosure CN(S) 22 AK
Hinged hood cover, crystal-clear, tall, for enclosure CN(S) 22 AK
Hinged hood cover, crystal-clear, low, for enclosure CN(S) 45 AK
Hinged hood cover, crystal-clear, tall, for enclosure CN(S) 45 AK
Hinged hood cover, crystal-clear, low, for enclosure CN(S) 55 AK
Higned hood cover, crystal-clear, tall, for enclosure CN(S) 55 AK
Hinged hood cover, crystal-clear, low, for enclosure CN(S) 70 AK
Hinged hood cover, crystal-clear, tall, for enclosure CN(S) 70 AK
Hinged hood cover, crystal-clear, low, for enclosure CN(S) 100 AK
Hinged hood cover, crystal-clear, tall, for enclosure CN(S) 100 AK
Blind bar CNB 100
STL adapter CNA 100
Connection terminals
Connection terminals
Connection terminals
Pin bars
Terminal indentification strip
Version
W x L x H
W x L x H
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com