Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AAREZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8392AAREZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8392AAREZ-R7 Datasheet HTML 1Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 2Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 3Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 4Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
AD8392A
Rev. A | Page 3 of 12
SPECIFICATIONS
VS = ±12 V or +24 V, RL = 100 Ω, G = +5, PD = (0, 0), T = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
25
37
MHz
VOUT = 0.1 V p-p, RF = 2 kΩ
−3 dB Large Signal Bandwidth
23
30
MHz
VOUT = 4 V p-p, RF = 2 kΩ
Peaking
0.06
dB
VOUT = 0.1 V p-p, RF = 2 kΩ
Slew Rate
515
V/µs
VOUT = 20 V p-p, RF = 2 kΩ
NOISE/DISTORTION PERFORMANCE
Second Harmonic Distortion
−93
dBc
fC = 1 MHz, VOUT = 2 V p-p
Third Harmonic Distortion
−103
dBc
fC = 1 MHz, VOUT = 2 V p-p
Multitone Input Power Ratio
70
dBc
26 kHz to 2.2 MHz, ZLINE = 100 Ω differential load
Voltage Noise (RTI)
2.5
nV/√Hz
f = 10 kHz
+Input Current Noise
7.6
pA/√Hz
f = 10 kHz
−Input Current Noise
12.5
pA/√Hz
f = 10 kHz
INPUT CHARACTERISTICS
RTI Offset Voltage
−4
±2
+4
mV
V+IN − V−IN
+Input Bias Current
2
7
µA
−Input Bias Current
3
10
µA
Input Resistance
8
MΩ
Input Capacitance
1
pF
Common-Mode Rejection Ratio
63
66
dB
(ΔVOS, DM (RTI))/(ΔVIN, CM)
OUTPUT CHARACTERISTICS
Differential Output Voltage Swing
41.2
42.6
V p-p
ΔVOUT
Single-Ended Output Voltage Swing
20.6
21.3
V p-p
ΔVOUT, RL = 50 Ω
Linear Output Current
500
mA
RL = 10 Ω, fC = 100 kHz
POWER SUPPLY
Operating Range (Dual Supply)
±5
±12
V
Operating Range (Single Supply)
10
24
V
Total Quiescent Current
PD1, PD0 = (0, 0)
5.8
6.5
mA/amp
PD1, PD0 = (0, 1)
3.0
3.5
mA/amp
PD1, PD0 = (1, 0)
2.6
3.0
mA/amp
PD1, PD0 = (1, 1) (Shutdown State)
0.4
0.08
mA/amp
PD = 0 Threshold
0.8
V
PD = 1 Threshold
1.8
V
+Power Supply Rejection Ratio
72
74
dB
ΔVOS, DM (RTI)/ΔVCC, ΔVCC = ±1 V
−Power Supply Rejection Ratio
65
69
dB
ΔVOS, DM (RTI)/ΔVEE, ΔVEE = ±1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com