Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AAREZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8392AAREZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8392AAREZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 9Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 10Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 11Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 12Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
AD8392A
Rev. A | Page 9 of 12
TYPICAL ADSL/ADSL2+ APPLICATION
In a typical ADSL/ADSL2+ application, a differential line driver
is used to take the signal from the analog front end (AFE) and
drive it onto the twisted pair telephone line. Referring to the
typical circuit representation in Figure 18, the differential input
appears at VIN+ and VIN− from the AFE, while the differential
output is transformer coupled to the telephone line at tip and
ring. The common-mode operating point, generally midway
between the supplies, is set through VCOM.
R4
R4
R3
R3
Rm
R2
R1
R2
VCOM
1:N
TIP
RING
ROUT
RIN
Rm
VOA
VOA
VP
VP
RBIAS
RBIAS
VIN–
VIN+
Figure 18. Typical ADSL/ADSL2+ Application Circuit
In ADSL/ADSL2+ applications, it is common practice to
conserve power by using positive feedback to synthesize the
output resistance, thereby lowering the required ohmic value
of the line matching resistors, Rm. The circuit in Figure 18 is
somewhat unique in that the positive feedback introduced via
R3 has the effect of synthesizing the input resistance as well.
The following definitions and equations can be used to calculate
the resistor values necessary to obtain the desired gain, input
resistance, and output resistance for a given application. For
simplicity, the following calculations assume a lossless
transformer.
The following values are used in the design equations and are
assumed already known or chosen by the designer.
Value
Definition
VIN
Differential input voltage
RIN
Desired differential input resistance
N
Transformer turns ratio
VLINE
Differential output voltage at tip and ring
Rm
Each is typically 5% to 15% of the transformer reflected
line impedance
R2
Recommended in the amplifier data sheet
VP
Voltage at the + inputs to the amplifier, approximately
½ VIN (must be less than VIN for positive input resistance)
RL
Transformer reflected line impedance
Additional definitions for calculating resistor values include:
Value
Definition
VOA
Voltage at the amplifier outputs
K
Matching resistance reduction factor
AV
Gain from VIN to transformer primary
β
Negative feedback factor
α
Positive feedback factor
Note: R1 must be calculated before β and α.
(
)
N
k
V
V
LINE
OA
+
=
1
L
m
R
R
k
2
=
IN
LINE
V
V
N
V
A =
R2
R1
R1
2
β
+
=
(
)
k
−
= 1
β
α
With the above known quantities and definitions, the remaining
resistors can readily be calculated.
P
OA
P
V
V
R
V
R1
−
=
2
2
(
)
IN
P
IN
IN
V
2
V
V
R
R4
−
=
(
)
(
)
R2
R1
R
R
R2
R
R1
R
R1
R
R1
R4
A
R3
L
L
L
L
m
V
2
α
2α
α
2
+
−
−
+
=
(
)
R4
R3
R4
R4
R3
RBIAS
+
−
=
α
α
After building the circuit with the closest 1% resistor values,
the actual gain, input resistance, and output resistance can be
verified with the following equations.
(
)
(
)
R3
R4
R
R4
R3
R4
k
N
GAIN
BIAS
LINE
to
VIN
−
+
+
+
=
1
1
β


+
−
=
L
L
m
V
IN
R
R4
R
R
A
R4
R
2
β
1
2
(
)
+
+
+


+
−
=
BIAS
BIAS
BIAS
BIAS
m
OUT
R
R4
R
R4
R3
R2
R1
R
R4
R1
R
R4
N
R
R
2
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com