Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AAREZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8392AAREZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8392AAREZ-R7 Datasheet HTML 3Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 4Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 9Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 10Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD8392A
Data Sheet
Rev. A | Page 6 of 12
CH1 200mV CH2 2V
400ns
2
INPUT
CHANNEL 1
OUTPUT
CHANNEL 2
Figure 10. Output Overdrive Recovery, ADSL/ADSL2+ Circuit (Figure 15),
DMT Waveform, VS = ±12 V
0
–100
100k
100M
FREQUENCY (Hz)
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
DIFF CHANNEL 3, 4
DIFF CHANNEL 1, 2
Figure 11. Crosstalk vs. Frequency, Dual Differential Driver Circuit (Figure 14),
VS = ±12 V, VIN = 800 mV p-p
45
10
0100
LOAD RESISTANCE (Ω)
40
35
30
25
20
15
10
20
30
40
50
60
70
80
90
Figure 12. Differential Output Swing vs. RLOAD
Dual Differential Driver Circuit (Figure 14)
100
0.01
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
0.1
1
10
PD (0, 0)
PD (1, 0)
PD (0, 1)
Figure 13. Output Impedance vs. Frequency
VS = ±12 V, G = +5, RF = 2 kΩ
2kΩ
2kΩ
499Ω
49.9Ω
49.9Ω
100Ω
Figure 14. Dual Differential Driver Circuit
2kΩ
2kΩ
4.99Ω
4.99Ω
1.78kΩ
1.78kΩ
634Ω
634Ω
1µF
87Ω
87Ω
77Ω
77Ω
0.01µF
0.01µF
100Ω
VCM
Figure 15. ADSL/ADSL2+ Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com