Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AAREZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8392AAREZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8392AAREZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 9Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 10Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 11Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 12Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD8392A
Data Sheet
Rev. A | Page 10 of 12
MULTITONE POWER RATIO
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, multitone power ratio (MTPR) is a commonly
used measure of linearity. MTPR is defined as the measured
difference from the peak of one tone that is loaded with data to
the peak of an adjacent tone that is intentionally left empty.
Figure 19 and Figure 20 show the AD8392A MTPR for a 5.5
crest factor waveform for empty bins in the ADSL and extended
ADSL2+ bandwidths.
0
–100
CENTER 646.9kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 19. MTPR at 647 kHz
0
–100
CENTER 1.9664kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 20. MTPR at 1.966 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com