Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSE Datasheet(PDF) 1 Page - Recom International Power

Part # RSE
Description  2:1 Wide Input Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSE Datasheet(HTML) 1 Page - Recom International Power

  RSE Datasheet HTML 1Page - Recom International Power RSE Datasheet HTML 2Page - Recom International Power RSE Datasheet HTML 3Page - Recom International Power RSE Datasheet HTML 4Page - Recom International Power RSE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECO-1
REV.: 1/2017
www.recom-power.com
2 Watt
SIP8
Single Output
DC/DC Converter
Features
Regulated
Converters
• 2:1 Wide Input Range
• 2kVDC/1 Second Isolation
• -40°C To +75°C Operating Temperature @ Full Load
• Industry Standard Pinout (SIP8)
• EN/UL62368, UL60950, CB Report (pending)
• Low Cost
RSE
Description
The RSE is a low cost isolated, regulated and short-circuit protected DC/DC converter designed for
industrial applications. A compact SIP8 case size, 2:1 input, 2kVDC isolation and a wide operating
temperature range of -40°C to +75°C without derating makes the RSE series ideal for industrial,
transport and general-purpose on-board 5V power supplies. Industrial Class A EMC levels can be met
with a simple Pi-filter and the converters come with a three year warranty.
3 YEAR
warranty
3
Selection Guide
Part
nom. Input
Input Current
Output
Output
Efficiency
max. Capacitive
Number
Voltage
@ full load
Voltage
Current
typ. (1)
Load (2)
[VDC]
[mA]
[VDC]
[mA]
[%]
[µF]
RSE-0505S/H2
4.5 - 9
526
5
400
76
6800
RSE-2405S/H2
18 - 36
103
5
400
80
6800
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max. cap load is tested at nominal input and full resistive load
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
nom. Vin=
5VDC
24VDC
4.5VDC
18VDC
5VDC
24VDC
9VDC
36VDC
Maximum Reverse Voltage
0VDC
Input Surge Voltage
100ms max
nom. Vin=
5VDC
24VDC
15VDC
50VDC
Quiescent Current
nom. Vin=
5VDC
24VDC
40mA
3mA
Start-up time
500µs
Rise time
450µs
Hold-up time
10µs
Internal Operating Frequency
130kHz
Minimum Load
0%
Output Ripple and Noise (3)
20MHz BW, 0-100% load
75mVp-p
ON/OFF CTRL (4)
DC-DC ON
DC-DC OFF
Open or 0V<Vr<0.8VDC
2V<Vr<6VDC
Input Current of CTRL Pin
5V VCTRL
3.3V VCTRL
15mA
10mA
Standby Current
0.75mA
1.5mA
continued on next page
Notes:
Note3: Measurements are made with a 0.1µF MLCC across output (low ESR)
Note4: Please refer to „Application and Installation“
Specifications (measured @ ta= 25°C, nominal Vin, full load unless otherwise specified)
UL62368-1 certified
C22.2 No. 62368-1-14 certfied
UL60950 (pending)
C22.2 No. 60950-1-07 (pending)
IEC/EN62368-1 (pending)
EN55022/55024 compliant
CB Report
E224736


Similar Part No. - RSE

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RSE RALTRON-RSE Datasheet
31Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
logo
SHINMEI ELECTRIC CO., L...
RSE SHINMEI-RSE Datasheet
87Kb / 3P
Ultra small size, High sensitive (50mW,150mW), Single pole relay
RSE-1.5 SHINMEI-RSE-1.5 Datasheet
87Kb / 3P
Ultra small size, High sensitive (50mW,150mW), Single pole relay
RSE-1.5-E SHINMEI-RSE-1.5-E Datasheet
87Kb / 3P
Ultra small size, High sensitive (50mW,150mW), Single pole relay
RSE-1.5-S SHINMEI-RSE-1.5-S Datasheet
87Kb / 3P
Ultra small size, High sensitive (50mW,150mW), Single pole relay
More results

Similar Description - RSE

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
2:1 WIDE INPUT RANGE UP TO 2Watts
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
2:1 Wide Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
Wide 2:1 Input Range
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
Wide 2:1 Input Range
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
Wide 2:1 Input Range
logo
Recom International Pow...
RTC2 RECOM-RTC2 Datasheet
814Kb / 7P
2:1 Wide Input Range Regulated Converter
RW2 RECOM-RW2 Datasheet
102Kb / 2P
2:1 Wide Range Voltage Input
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com