Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSE Datasheet(PDF) 4 Page - Recom International Power

Part # RSE
Description  2:1 Wide Input Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSE Datasheet(HTML) 4 Page - Recom International Power

  RSE Datasheet HTML 1Page - Recom International Power RSE Datasheet HTML 2Page - Recom International Power RSE Datasheet HTML 3Page - Recom International Power RSE Datasheet HTML 4Page - Recom International Power RSE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMC Compliance
Conditions
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
with external filter
(see filter suggestion below)
EN55022, Class A
EN55022, Class B
Information technology equipment - Immunity characteristics - Limits and methods of
measurement
EN55024, 2015
ESD Electrostatic discharge immunity test
±8kV Air; ±4kV Contact
IEC6100-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
IEC6100-4-3, Criteria A
Fast Transient and Burst Immunity
DC Power Port: ±0.5kV
IEC6100-4-4, Criteria A
Surge Immunity
DC Power Port: ±0.5kV
IEC6100-4-5, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
DC Power Port: 3V
IEC6100-4-6, Criteria A
Power Magnetic Field
50Hz, 1A/m
IEC6100-4-8, Criteria A
RSE
Series
Specifications (measured @ ta= 25°C, nominal Vin, full load unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 1/2017
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
non-conductive black plastic, (UL94-V0)
epoxy, (UL94-V0)
FR4, (UL94-V0)
Package Dimension (LxWxH)
21.8 x 9.2 x 11.1mm
Package Weight
4.7g typ.
continued on next page
EMC Filtering Suggestions for EN55022 Class A
EMC Filtering Suggestions for EN55022 Class B
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
C1
C2
C3
L1
+Vin
-Vin
+Vout
-Vout
nom. Vin
C1
C2
L1
5VDC
22µF/50V
MLCC
22µF/50V
MLCC
3µH Choke
24VDC
nom. Vin
C1
C2
C3
L1
5VDC
22µF/50V
MLCC
22µF/50V
MLCC
1000pF/3kV
0.45mH
CMC
24VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com