Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSE Datasheet(PDF) 3 Page - Recom International Power

Part # RSE
Description  2:1 Wide Input Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSE Datasheet(HTML) 3 Page - Recom International Power

  RSE Datasheet HTML 1Page - Recom International Power RSE Datasheet HTML 2Page - Recom International Power RSE Datasheet HTML 3Page - Recom International Power RSE Datasheet HTML 4Page - Recom International Power RSE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal Vin, full load unless otherwise specified)
RSE
Series
ECO-3
REV.: 1/2017
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating (see graph)
-40°C to +75°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.05%/°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+75°C
2289 x 103 hours
781 x 103 hours
Vibration
MIL-STD 202G
100
80
60
40
20
0
-40
0
50
75 100
150
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Notes:
Note5: An input fuse is required if the mains supply is not over-current protected. Recommended fuse: T2A slow blow type
+Vin
-Vin
Dsurge
C1
Fuse
Surge Protection Circuit according to EN61000-4-5, Criteria A
nom. Vin
TVS
C1
5VDC
P4SMAJ11A
N/A
24VDC
P4SMAJ36A
220µF/100V
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
pending
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Ed. 2014
Audio/Video, information and communication technology equipment - Safety require-
ments
E224736-A48
UL62368-1, 2nd Edition, 2014
CSA C22.2 Nr. 62368-1-14, 2nd Ed. 2014
Audio/Video, information and communication technology equipment - Safety require-
ments (CB Scheme)
pending
IEC/EN62368-1, 2nd Edition, 2014
RoHS2
RoHS 2011/65/EU + AM2015/863
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com