Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSE Datasheet(PDF) 5 Page - Recom International Power

Part # RSE
Description  2:1 Wide Input Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSE Datasheet(HTML) 5 Page - Recom International Power

  RSE Datasheet HTML 1Page - Recom International Power RSE Datasheet HTML 2Page - Recom International Power RSE Datasheet HTML 3Page - Recom International Power RSE Datasheet HTML 4Page - Recom International Power RSE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal Vin, full load unless otherwise specified)
RSE
Series
ECO-5
REV.: 1/2017
www.recom-power.com
Dimension Drawing (mm)
Pin Connection
Pin #
Single
1
-Vin
2
+Vin
3
CTRL
5
NC
6
+Vout
7
-Vout
8
NC
NC= no connection
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin dimension:
±0.1mm
Bottom View
Top View
0.51
9.2
1.00 Ø +0.15/-0
21.8
7x2.54= 17.78
2.0
2.54
1 2 3
6
5
7 8
Marking
embossed logo
Recommended Footprint Details
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tube
520.0 x 11.2 x 18.2mm
Packaging Quantity
22pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH max.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
INSTALLATION and APPLICATION
continued on next page
ON/OFF CTRL Circuit
DC-DC ON: Open or 0V<Vr<0.8VDC
DC-DC OFF: 2V<Vr<6VDC
68
Ω
1N4148
+Vin
VCTRL
-Vin
+Vout
-Vout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com