Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2196 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2196 Datasheet HTML 2Page - Micrel Semiconductor MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor MIC2196 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC2196
Micrel
MIC2196
6
August 2004
Functional Description
The MIC2196 is a BiCMOS, switched-mode multi-topology
controller. It will operate most low-side drive topologies
including boost, SEPIC, flyback and forward. The controller
has a low impedance driver capable of switching large N-
channel MOSFETs. It features multiple frequency and duty
cycle settings. Current mode control is used to achieve
superior transient line and load regulation. An internal correc-
tive ramp provides slope compensation for stable operation
above a 50% duty cycle. The controller is optimized for high-
efficiency, high-performance DC-DC converter applications.
Figure 1 shows a block diagram of the MIC2196 configured
as a PWM boost converter.
Functional Diagram
Osc
Error
Amplifier
0.11V
D1
L1
CIN
fs/4
VIN
Control
Bias
PWM
Comparator
VREF
VDD
GND
Overcurrent
Comparator
Frequency
Foldback
fs/4
Overcurrent Reset
Corrective
Ramp
On
Gain = 3.7
CS
4
OUTN
7
V
IN
8
V
fb
6
GND
2
V
DD
5
COMP
2
EN/UVLO
3
gm = 0.0002
Gain = 20
0.3V
100k
R2
R1
RSENSE
COUT
VOUT
VREF
CDECOUP
VDD
Figure 1. MIC2196 Block Diagram
The switching cycle starts when OUTN goes high and turns
on the low-side, N-channel MOSFET, Q1. The V
GS of the
MOSFET is equal to V
IN. This forces current to ramp up in the
inductor. The inductor current flows through the current
sense resistor, R
SENSE. The voltage across the resistor is
amplified and combined with an internal ramp for stability.
This signal is compared with the error voltage signal from the
error amplifier. When the current signal equals the error
voltage signal, the low-side MOSFET is turned off. The
inductor current then flows through the diode, D1, to the
output. The MOSFET remains off until the beginning of the
next switching cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com