Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2196 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor MIC2196 Datasheet HTML 10Page - Micrel Semiconductor MIC2196 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC2196
Micrel
MIC2196
8
August 2004
The mode of operation (continuous or discontinuous), the
minimum input voltage, maximum output power and the
minimum value of the current limit threshold determine the
value of the current sense resistor. Discontinuous mode is
where all the energy in the inductor is delivered to the output
at each switching cycle. Continuous mode of operation
occurs when current always flows in the inductor, during both
the low-side MOSFET on and off times. The equations below
will help to determine the current sense resistor value for
each operating mode.
The critical value of output current in a boost converter is
calculated below. The operating mode is discontinuous if the
output current is below this value and is continuous if above
this value.
I
VV
V
2fs L
V
CRIT
IN
2
O
IN
O
2
=
×−
()×
×× ×
η
where:
η is the efficiency of the boost converter
V
IN is the minimum input voltage
L is the value of the boost inductor
F
S is the switching frequency
V
O is the output voltage
Maximum Peak Current in Discontinuous Mode:
The peak inductor current is:
I
2I
V
V
Lfs
IND(pk)
OO
IN
=
××
− ×
()
×
η
where:
I
O is the maximum output current
V
O is the output voltage
V
IN is the minimum input voltage
L is the value of the boost inductor
f
S is the switching frequency
η is the efficiency of the boost converter
The maximum value of current sense resistor is:
R
V
I
SENSE
SENSE
IND(pk)
=
where:
V is the minimum current sense threshold of the
CS pin.
Maximum Peak Current in Continuous Mode:
The peak inductor current is equal to the average inductor
current plus one half of the peak to peak inductor current.
The peak inductor current is:
II
1
2
I
I
VI
V
VV
V
2
V
fs L
IND(pk)
IND(ave)
IND(pp)
IND(pk)
OO
IN
L
O
IN
O
=+ ×
=
×
×
+
×−
×
()
×× ×
η
η
where:
I
O is the maximum output current
V
O is the output voltage
V
IN is the minimum input voltage
L is the value of the boost inductor
f
S is the switching frequency
η is the efficiency of the boost converter
V
L is the voltage across the inductor
V
L may be approximated as VIN for higher input voltage.
However, the voltage drop across the inductor winding resis-
tance and low-side MOSFET on-resistance must be ac-
counted for at the lower input voltages that the MIC2196
operates at:
VV
VI
V
RR
LIN
OO
IN
WINDING
DSON
=−
×
×
×+
()
η
where:
R
WINDING is the winding resistance of the inductor
R
DSON is the on resistance of the low side switching
MOSFET
The maximum value of current sense resistor is:
R
V
I
SENSE
SENSE
IND(pk)
=
where:
V
SENSE is the minimum current sense threshold
of the CS pin.
The current sense pin, CS, is noise sensitive due to the low
signal level. The current sense voltage measurement is
referenced to the signal ground pin of the MIC2196. The
current sense resistor ground should be located close to the
IC ground. Make sure there are no high currents flowing in this
trace. The PCB trace between the high side of the current
sense resistor and the CS pin should also be short and routed
close to the ground connection. The input to the internal
current sense amplifier has a 30ns dead time at the beginning
of each switching cycle. This dead time prevents leading
edge current spikes from prematurely terminating the switch-
ing cycle. A small RC filter between the current sense pin and
current sense resistor may help to attenuate larger switching
spikes or high frequency switching noise. Adding the filter
slows down the current sense signal, which has the effect of
slightly raising the overcurrent limit threshold.
MOSFET Gate Drive
The MIC2196 converter drives a low-side N-channel MOSFET.
The driver for the OUTN pin has a 2
Ω typical source and sink
impedance. The VIN pin is the supply pin for the gate drive
circuit. The maximum supply voltage to the VIN pin is 14V.
MOSFET Selection
In a boost converter, the V
DS of the MOSFET is approxi-
mately equal to the output voltage. The maximum V
DS rating
of the MOSFET must be high enough to allow for ringing and
spikes in addition to the output voltage.
The VIN pin supplies the N-channel gate drive voltage. The
V
GS threshold voltage of the N-channel MOSFET must be



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com