Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2196 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2196 Datasheet HTML 1Page - Micrel Semiconductor MIC2196 Datasheet HTML 2Page - Micrel Semiconductor MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2196
Micrel
MIC2196
2
August 2004
Pin Configuration
1
COMP
FB
EN/UVLO
CS
8
VIN
OUTN
GND
VDD
7
6
5
2
3
4
8 Lead SOIC (M)
Ordering Information
Part Number
Output Voltage
Frequency Junction Temp. Range
Package
Standard
Pb-Free
MIC2196BM
MIC2196YM
Adjustable
400KHz
–40
°C to +125°C
8-lead SOIC
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
2
FB
Feedback (Input): Regulates FB to 1.245V.
3
EN/UVLO
Enable/Undervoltage Lockout (input): A low level on this pin will power down
the device, reducing the quiescent current to under 0.5
µA. This pin has two
separate thresholds, below 1.5V the output switching is disabled, and below
0.9V the device is forced into a complete micropower shutdown. The 1.5V
threshold functions as an accurate undervoltage lockout (UVLO) with 100mV
hysteresis.
4
CS
The (+) input to the current limit comparator. A built in offset of 100mV
between CS and GND in conjunction with the current sense resistor sets the
current limit threshold level. This is also the (+) input to the current amplifier.
5
VDD
3V internal linear-regulator output. VDD is also the supply voltage bus for the
chip. Bypass to GND with 1
µF.
6
GND
Ground.
7
OUTN
High current drive for N channel MOSFET. Voltage swing is from ground to
VIN. R
ON is typically 3Ω @ 5VIN.
8
VIN
Input voltage to the control IC. This pin also supplies power to the gate drive
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com