Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2196 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2196 Datasheet HTML 1Page - Micrel Semiconductor MIC2196 Datasheet HTML 2Page - Micrel Semiconductor MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August 2004
5
MIC2196
MIC2196
Micrel
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
02468
10 12 14
INPUT VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
Switching
Standby
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -40 -20 0 20 40 60 80 100120
TEMPERATURE (
°C)
Quiescent Current vs.
Temperature
V
IN
= 5V
2.8
2.85
2.9
2.95
3
3.05
02468
10 12 14 16
INPUT VOLTAGE (V)
V
DD
vs. Input Voltage
2.92
2.93
2.94
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
0
0.2
0.4
0.6
0.8
1.0
1.2
V
DD
LOAD CURRENT (mA)
VDD
vs. Load
V
IN = 5V
V
IN = 3.3V
V
IN = 12V
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
DD
vs. Temperature
V
IN
= 5V
1.238
1.239
1.24
1.241
1.242
1.243
1.244
1.245
1.246
02468
10 12 14 16
INPUT VOLTAGE (V
INA
)
Reference Voltage
vs. Input Voltage
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Reference Voltage
vs. Temperature
V
IN
= 5V
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0
2
4
6
8
10 12 14
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
350
360
370
380
390
400
410
420
430
440
450
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Frequency
vs. Temperature
V
IN
= 5V
90.0
95.0
100.0
105.0
110.0
115.0
120.0
125.0
130.0
02468
10 12 14
INPUT VOLTAGE (V)
Overcurrent Threshold
vs Input Voltage
80
85
90
95
100
105
110
115
120
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Current Limit
vs. Temperature
V
IN
= 5V
-50
0
50
100
150
200
02468
10 12 14
INPUT VOLTAGE (V)
Enable Pin
vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com