Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9627 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 29Page - National Semiconductor (TI) LM9627 Datasheet HTML 30Page - National Semiconductor (TI) LM9627 Datasheet HTML 31Page - National Semiconductor (TI) LM9627 Datasheet HTML 32Page - National Semiconductor (TI) LM9627 Datasheet HTML 33Page - National Semiconductor (TI) LM9627 Datasheet HTML 34Page - National Semiconductor (TI) LM9627 Datasheet HTML 35Page - National Semiconductor (TI) LM9627 Datasheet HTML 36Page - National Semiconductor (TI) LM9627 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Confidential
33
www.national.com
Timing Information (continued)
2.0
DIGITAL VIDEO PORT SLAVE MODE TIMING
Figure 54. Slave Mode Row Trigger and Readout Timing
Figure 55. Slave Mode d[11:0], hsync & vsync to pclk Timing
Figure 56. Rising Edge of mclk to Valid Pixel Data
The following specifications apply for all supply pins = +3.0V & CL = 10pF unless otherwise noted. Boldface limits apply for TA =
TMIN to TMAX: all other limits TA = 25
oC (Note 7)
Label
Descriptions
Min
Typ
Max
t1
Pulse width of row trigger
2
* mclk
t2
First pixel out after rising edge of row trigger
124 * mclk
124 * mclk
t3
Minimum time between row triggers.
780 * mclk
t4
Max time to assert next frame trigger after last row
trigger.
96 * mclk
t5
Pulse width of Frame trigger
2
* mclk
t6
Time to valid pixel data after rising edge of mclk
44ns
hsync
d[11:0]
mclk
t3
P1
P652
P653
P654
P655
P640
P652
P653
P654
Row n-1
Row n
trigger row n
trigger row n+1
t1
t2
vsync
hsync
trigger last row
mclk
trigger Frame n+1
t4
in frame n
t5
d[11:0]
mclk
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com