Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9627 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 17Page - National Semiconductor (TI) LM9627 Datasheet HTML 18Page - National Semiconductor (TI) LM9627 Datasheet HTML 19Page - National Semiconductor (TI) LM9627 Datasheet HTML 20Page - National Semiconductor (TI) LM9627 Datasheet HTML 21Page - National Semiconductor (TI) LM9627 Datasheet HTML 22Page - National Semiconductor (TI) LM9627 Datasheet HTML 23Page - National Semiconductor (TI) LM9627 Datasheet HTML 24Page - National Semiconductor (TI) LM9627 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Confidential
21
www.national.com
Functional Description (continued)
,
Figure 36. pclk in Data Ready Mode
By default the pixel clock is a free running active low (pixel data
changes on the positive edge of the clock) with a period equal to
the internal hclk. The active edge of the clock can be pro-
grammed such that pixel data changes on the positive or nega-
tive edge of the clock.
14.3
Horizontal Synchronisation Output Pin (hsync)
The horizontal synchronisation output pin, hsync, is used as an
indicator for row data. The hsync output pin can be programmed
to operate in two modes as follows:
• Level mode should be used when the pixel clock, pclk, is pro-
grammed to operate in free running mode. In level mode the
hsync output pin will go to the specified level (high or low) at
the start of each row and remain at that level until the last
pixel of that row is read out on d[11:0] as shown in Figure 37.
The hsync level is always synchronized to the active edge of
pclk.
Figure 37. hsync in Level Mode
• Pulse mode should be used when the pixel clock, pclk, is pro-
grammed to operate in data ready mode. In pulse mode the
hsync output pin will produce a pulse at the end of each row.
The width of the pulse will be a minimum of four pclk cycles
and its polarity can be programmed as shown in Figure 38.
The hsync level is always synchronized to the active edge of
pclk
Figure 38. hsync in Pulse Mode
By default the first pixel data at the beginning of each row is
placed on the digital video bus as soon as hsync is activated. It
is possible to program up to 15 dummy pixels to be readout at
the beginning of each row before the real pixel data is readout.
This feature is supported for both level and pulse mode.
14.4
Vertical/Horizontal Synchronisation Pin (vsync)
The vertical synchronisation output pin, vsync, is used as an
indicator for pixel data within a frame. The vsync output pin can
be programmed to operate in two modes as follows:
• Level mode should be used when the pixel clock, pclk, is pro-
grammed to operate in free running mode. In level mode the
vsync output pin will go to the specified level (high or low) at
the start of each frame and remain at that level until the last
pixel of that row in the frame is placed on d[11:0] as shown in
Figure 39. The hsync level is always synchronized to the
active edge of pclk.
Figure 39. vsync in Level Mode
• Pulse mode should be used when the pixel clock, pclk, is pro-
grammed to operate in data ready mode. In pulse mode the
vsync output pin will produce a pulse at the end of each
frame. The width of the pulse will be a minimum of four hclk
cycles and its polarity can be programmed as shown in Figure
40. The vsync level is always synchronized to the active edge
of pclk.
Figure 40. vsync in pulse mode
14.5
Odd/Even Mode
In odd/even mode the vsync signal is used to indicate when
pixel data from an odd and even field is being placed on the dig-
ital video bus d[11:0]. The polarity of vsync can still be pro-
grammed in this mode as shown in Figure 41
Figure 41. vsync in odd/even Mode
pclk
d[11:0]
pclk
d[11:0]
a) pclk active edge negative
b) pclk active edge positive
invalid pixel data
pclk
d[11:0]
invalid pixel data
b) hsync programmed to be active low
hsync
Row n
Row n+1
pclk
d[11:0]
a) hsync programmed to be active high (default)
hsync
Row n
Row n+1
pclk
d[11:0]
hsync
Row n
Row n+1
a) hsync programmed to be active high
pclk
d[11:0]
hsync
Row n
Row n+1
b) hsync programmed to be active low
invalid pixel data
pclk
d[11:0]
invalid pixel data
b) vsync programmed to be active low
vsync
Frame n
Frame n+1
pclk
d[11:0]
a) vsync programmed to be active high
vsync
Frame n
Frame n+1
pclk
d[11:0]
vsync
Frame n
Frame n+1
a) vsync programmed to be active high
pclk
d[11:0]
vsync
Frame n
Frame n+1
b) vsync programmed to be active low (default)
invalid pixel data
pclk
d[11:0]
invalid pixel data
b) vsync programmed to be active low
vsync
Odd Field
Even Field
pclk
d[11:0]
a) vsync programmed to be active high (default)
vsync
Odd Field
Even Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com