Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9627 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 9Page - National Semiconductor (TI) LM9627 Datasheet HTML 10Page - National Semiconductor (TI) LM9627 Datasheet HTML 11Page - National Semiconductor (TI) LM9627 Datasheet HTML 12Page - National Semiconductor (TI) LM9627 Datasheet HTML 13Page - National Semiconductor (TI) LM9627 Datasheet HTML 14Page - National Semiconductor (TI) LM9627 Datasheet HTML 15Page - National Semiconductor (TI) LM9627 Datasheet HTML 16Page - National Semiconductor (TI) LM9627 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Confidential
13
www.national.com
Functional Description (continued)
5.0
SNAPSHOT MODE
The LM9627 is capable of capturing a single frame of an image
under hardware or software control, with or without the aid of an
external
shutter.
Two
registers,
SNAPSHOTMODE0
&
SNAPSHOTMODE1, are provided to program, monitor and con-
trol all snapshot sequences.
5.1
Software Controlled Snapshots
The snapshot mode events can be software controlled by writing
to and reading from the snapshot mode registers over the I
2C
compatible interface.
5.2
Hardware Controlled Snapshots
Two dedicated pins are provided on the LM9627, snapshot &
extsync, allowing the snapshot mode events to be controlled by
hardware. The snapshot pin must be enabled by writing to the
SnapEnable bit of the MCFG0 register.
5.3
Auto Snapshot Mode
In auto snapshot mode (see figure 20), upon the receipt of a
snapshot or FTriggerNow trigger signal, the integrated timing and
control circuit will set the FTriggerEN bit and generate an inter-
nal TRIGGER signal (see figure 19), thus resetting the array one
row at a time. At end of the reset cycle the timing and control cir-
cuit will signal the shutter to open via extsync pin or FtSync bit.
At the end of the programmed integration time the shutter will be
signalled to close, and the pixel read-out will commence as
shown in figure 18a. At the end of the read-out sequence the
FTriggerEN will be automatically reset and the sensor will return
to video capture mode as shown in figure 20.
If an external shutter is not available then at least two frames
need to be taken so that the pixels can be integrated over one
frame as shown in Figure 18b.
To use auto snapshot mode the
SsEngage bit of the
SNAPSHOTMODE1 register must be set to zero.
Note 1:
This wave form shows the snapshot pin programmed to the default pulse mode.
Note 2:
The irq pulse is taken low when the snapshot trigger interrupt flag (SsTrigFlag) in the snapshot mode1 (SNAPMODE1) register is read.
Note 3:
The irq pulse is taken low when the snapshot trigger interrupt flag (SsRdFlag) in the snapshot mode1 (SNAPMODE1 ) register is read.
Figure 18. Snapshot Mode
Start Snapshot Sequence
Start of Array Reset Frames
Open Shutter
Close shutter & start read-out
Read-out complete
FTriggerEn
snapshot or FTriggerNow
extsync or FtSync
FtBusy
Array reset,
irq
programmable 1 to 4 frames
Capture
Data
read-out
image
note1
note2
note 3
Start Snapshot sequence
Start of Array Reset Frames
Integration Start
Start Read-out
Read-out Complete
FTriggerEn
snapshot or FTriggerNow
extsync or FtSync
FtBusy
Bold external pins
italic register bits
Array reset,
irq
programmable 1 to 4 frames
Capture
Data
read-out
image
note 1
note 2
note 3
a) With External Shutter
b) Without External Shutter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com