Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9627 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 7Page - National Semiconductor (TI) LM9627 Datasheet HTML 8Page - National Semiconductor (TI) LM9627 Datasheet HTML 9Page - National Semiconductor (TI) LM9627 Datasheet HTML 10Page - National Semiconductor (TI) LM9627 Datasheet HTML 11Page - National Semiconductor (TI) LM9627 Datasheet HTML 12Page - National Semiconductor (TI) LM9627 Datasheet HTML 13Page - National Semiconductor (TI) LM9627 Datasheet HTML 14Page - National Semiconductor (TI) LM9627 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Confidential
11
www.national.com
Functional Description (continued)
2.0
WINDOWING
The integrated timing and control circuit allows any size window
in any position within the active region of the array to be read out
with a 1x1 pixel resolution. The window read out is called the
“Display Window”.
A “Scan Window” must be defined first, by programing the start
and end row addresses as shown in Figure 13. Four coordinates
(start row address, start column address, end row address &
end column address) are programmed to define the size and
location of the “Display Window” to be read out (see Figure 13).
Figure 13. Windowing
Notes:
• The “Display Window” must always be defined within the
“Scan Window”.
• A “Display Window” can only be read out in the progressive
scan mode.
• By default the “Display Window” is the complete array.
2.1
Programming the scan window
Two registers (SROWS & SROWE) are provided to program the
size of the scan window. The start and end row address of the
scan window is given by:
Where:
SwStartRow
is the contents of the Scan Window start row
register (SROWS)
SwEndROW
is the contents of the Scan Window end row reg-
ister (SROWE)
SwLsb
is bit 6 of the Display Window LSB register
(DWLSB)
2.2
Programming the display window
Five register (DROWS, DROWE, DCOLS, DCOLE and DWLSB)
are provided to program the display window as described in the
register section of this datasheet.
3.0
READ OUT MODES
3.1
Progressive Scan Readout Mode
In progressive scan readout mode, every pixel in every row in
the display window is consecutively read out, one pixel at a time,
starting with the left most pixel in the top most row. Hence, for
the example shown in Figure 14, the read out order will be
a0,b0,...,r0 then a1,b1,...,r1 and so on until pixel r20 is read out.
a b c d e f g h i j k l m n o p q r
1
2
3
4
5
6
7
8
9
10
11
12
13
15
14
16
17
18
19
20
0
Column/Horizontal
Figure 14: Progressive Scan Read Out Mode
3.2
Interlaced Readout Mode
In interlaced readout mode, pixels are read out in two fields, an
Odd Field followed by an Even Field.
The Odd Field, consisting of all even row pairs contained within
the display window, is read out first. Each pixel in the “Odd Field”
is consecutively read out, one pixel at a time, starting with the
left most pixel in the top most row pair.
The Even Field, consisting of all odd row pairs contained within
the display window, is then read out. Each pixel in the “Even
Field” is consecutively read out, one pixel at a time, starting with
the left most pixel in the top most row pair.
a b c d e f g h i j k l m n o p q r
1
4
5
8
9
12
13
16
17
0
Column/Horizontal
Odd Field
2
3
6
10
7
11
14
15
18
19
Column/Horizontal
Even Field
a b c d e f g h i j k l m n o p q r
Figure 15: Interlace Read Out Mode
Hence, for the example shown in Figure 15, the display window
is broken up into two fields, as shown in Figure 15. Pixels
a0,b0,...,r0 and a1,b1,...,r1 are readout first and so on until pix-
els a17,b17,...r17 in the even field are read out. The even field
read out is followed by pixels in the odd field, a2,b2,...,r2 then
a3,b3,...,r3 until pixels a19,b19,...,r19
display row
Active Pixel Array
Display Window
Scan Window
display row
display col
display col
start address
end address
start address
end address
scan row
start address
scan row
end address
scan row start address = (2* SwStartRow) + SwLsb
scan row end address = (2* SwEndRow) + 1 + SwLsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com