Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6572 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6572
Description  Triple 2:1 High Speed Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6572 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6572 Datasheet HTML 1Page - National Semiconductor (TI) LMH6572 Datasheet HTML 2Page - National Semiconductor (TI) LMH6572 Datasheet HTML 3Page - National Semiconductor (TI) LMH6572 Datasheet HTML 4Page - National Semiconductor (TI) LMH6572 Datasheet HTML 5Page - National Semiconductor (TI) LMH6572 Datasheet HTML 6Page - National Semiconductor (TI) LMH6572 Datasheet HTML 7Page - National Semiconductor (TI) LMH6572 Datasheet HTML 8Page - National Semiconductor (TI) LMH6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
±5V Electrical Characteristics (Continued)
V
S = ±5V, RL = 100
Ω, Unless otherwise specified.
Symbol
Parameter
Conditions(Note 2)
Min
Typ
Max
Units
ICC
Supply Current (Note 5)
No Load
20
23
25
28.5
mA
Supply Current Disabled(Note 5)
No Load
2.0
2.2
2.3
mA
VIH
Logic High Threshold(Note 5)
Select & Enable Pins
2.0
V
VIL
Logic Low Threshold (Note 5)
Select & Enable Pins
0.8
V
IiL
Logic Pin Input Current Low(Note 7) Logic Input = 0V
−1
±2.5
±10
µA
IiH
Logic Pin Input Current High(Note
7)
Logic Input = 2.0V
112
100
150
200
210
µA
Miscellaneous Performance
RF
Internal Feedback and Gain Set
resistor Values
650
620
800
940
1010
Ω
RODIS
Disabled Output Resistance
Internal Feedback and Gain Set
resistors in series to ground.
1.3
1.6
1.88
k
Ω
RIN+
Input Resistance
100
k
Ω
CIN
Input Capacitance
0.9
pF
ROUT
Output Resistance
0.26
Ω
VO
Output Voltage Range
No Load
±3.83
±3.80
±3.9
V
VOL
R
L = 100
Ω
±3.52
±3.5
±3.53
V
CMIR
Input Voltage Range
±2
±2.5
V
IO
Linear Output Current (Notes 5, 7)
V
IN = 0V,
+70
-40
±80
mA
ISC
Short Circuit Current
V
IN = ±2V, Output shorted to
ground
±230
mA
XTLK
Channel to Channel Crosstalk
V
IN =2VPP @5 MHz
−90
dBc
XTLK
Channel to Channel Crosstalk
V
IN =2VPP @ 100 MHZ
−54
dBc
XTLK
All Hostile Crosstalk
In A, C. Out B, V
IN =2VPP @ 5
MHz
−95
dBc
±3.3V Electrical Characteristics
V
S = ±3.3V, RL = 100
Ω; Unless otherwise specified.
Symbol
Parameter
Conditions(Note 2)
Min
Typ
Max
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
V
OUT = 0.25 VPP
360
MHz
LSBW
−3 dB Bandwidth
V
OUT = 2.0 VPP
270
MHz
.1 dBBW
.1 dB Bandwidth
V
OUT = 0.5 VPP
80
MHz
GFP
Peaking
DC to 200 MHz
0.3
dB
DG
Differential Gain
R
L = 150
Ω, f=4.43 MHz
0.02
%
DP
Differential Phase
R
L = 150
Ω, f=4.43 MHz
0.03
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
2.0
ns
TSS
Settling Time to 0.05%
2V Step
15
ns
OS
Overshoot
2V Step
5
%
SR
Slew Rate
2V Step
1000
V/µs
Distortion
HD2
2
nd Harmonic Distortion
2 V
PP, 10MHz
−70
dBc
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com