Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6572 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6572
Description  Triple 2:1 High Speed Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6572 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6572 Datasheet HTML 1Page - National Semiconductor (TI) LMH6572 Datasheet HTML 2Page - National Semiconductor (TI) LMH6572 Datasheet HTML 3Page - National Semiconductor (TI) LMH6572 Datasheet HTML 4Page - National Semiconductor (TI) LMH6572 Datasheet HTML 5Page - National Semiconductor (TI) LMH6572 Datasheet HTML 6Page - National Semiconductor (TI) LMH6572 Datasheet HTML 7Page - National Semiconductor (TI) LMH6572 Datasheet HTML 8Page - National Semiconductor (TI) LMH6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMH6572
Triple 2:1 High Speed Video Multiplexer
General Description
The LMH™6572 is a high performance analog mulitplexer
optimized for professional grade video and other high fidelity
high bandwidth analog applications. The LMH6572 provides
a 290MHz bandwidth at 2 V
PP output signal levels. The 140
MHz of .1 dB bandwidth and a 1500 V/µs slew rate make this
part suitable for High Definition Television (HDTV) and High
Resolution Multimedia Video applications.
The LMH6572 supports composite video applications with its
0.02% and 0.02˚ differential gain and phase errors for NTSC
and PAL video signals while driving a single, back terminated
75
Ω load. The LMH6572 can deliver 80 mA linear output
current for driving multiple video load applications.
The LMH6572 has an internal gain of two for driving back
terminated transmission lines at a net gain of one.
The LMH6572 is available in the SSOP package.
Features
n
350 MHz, 250 mV −3 dB bandwidth
n
290 MHz, 2 V
PP −3 dB bandwidth
n
10 ns channel switching time
n
90 dB channel to channel isolation @ 5 MHz
n
0.02%, 0.02˚ diff. gain, phase
n
.1 dB gain flatness to 140 MHz
n
1400 V/µs slew rate
n
Wide supply voltage range: 6V (±3V) to 12V (±6V)
n
−78 dB HD2 @ 10MHz
n
−75 dB HD3 @ 10MHz
Applications
n
RGB video router
n
Multi input video monitor
n
Fault tolerant data switch
Connection Diagram
16-Pin SSOP
20109605
Top View
Truth Table
SEL
EN
OUT
0
0
CH 1
1
0
CH 0
X
1
Disable
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
16-Pin SSOP
LMH6572MQ
LH6572MQ
95 Units/Rail
MQA16
LMH6572MQX
2.5 Units Tape and Reel
LMH™ is a trademark of National Semiconductor Corporation.
August 2004
© 2004 National Semiconductor Corporation
DS201096
www.national.com


Similar Part No. - LMH6572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
LMH6572 TI2-LMH6572 Datasheet
900Kb / 26P
LMH6572 Triple 2:1 High Speed Video Multiplexer
REVISED AUGUST 2018
logo
National Semiconductor ...
LMH6572MQ NSC-LMH6572MQ Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572MQ/NOPB TI1-LMH6572MQ/NOPB Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results

Similar Description - LMH6572

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com