Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6572 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6572
Description  Triple 2:1 High Speed Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6572 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6572 Datasheet HTML 1Page - National Semiconductor (TI) LMH6572 Datasheet HTML 2Page - National Semiconductor (TI) LMH6572 Datasheet HTML 3Page - National Semiconductor (TI) LMH6572 Datasheet HTML 4Page - National Semiconductor (TI) LMH6572 Datasheet HTML 5Page - National Semiconductor (TI) LMH6572 Datasheet HTML 6Page - National Semiconductor (TI) LMH6572 Datasheet HTML 7Page - National Semiconductor (TI) LMH6572 Datasheet HTML 8Page - National Semiconductor (TI) LMH6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
(Note 4)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V
+ −V−)
13.2V
I
OUT (Note 3)
130 mA
IInput Voltage Range
±V
S
Maximum Junction Temperature
+150˚C (Note 4)
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Operating Temperature
−40˚C
to
85˚C
Supply Voltage Range
6V
to
12V
Thermal Resistance
Package
(
θ
JA)(
θ
JC)
16-Pin SSOP
125˚C/W
36˚C/W
±5V Electrical Characteristics
V
S = ±5V, RL = 100
Ω, Unless otherwise specified.
Symbol
Parameter
Conditions(Note 2)
Min
Typ
Max
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
V
OUT = 0.25 VPP
350
MHz
LSBW
–3 dB Bandwidth (Note 6)
V
OUT =2VPP
250
290
MHz
.1 dBBW
. 1 dB Bandwidth
V
OUT = 0.25 VPP
140
MHz
DG
Differential Gain
R
L = 150
Ω, f=4.43 MHz
0.02
%
DP
Differential Phase
R
L = 150
Ω, f=4.43 MHz
0.02
deg
Time Domain Response
TRS
Channel to Channel Switching Time
Logic transition to 90% output
10
ns
Enable and Disable Times
Logic transition to 90% or 10%
output.
11
ns
TRL
Rise and Fall Time
2V Step
1.5
ns
TSS
Settling Time to 0.05%
2V Step
17
ns
OS
Overshoot
4V Step
5
%
SR
Slew Rate(Note 6)
4V Step
1200
1400
V/µs
Distortion
HD2
2
nd Harmonic Distortion
2 V
PP , 10 MHz
−78
dBc
HD3
3
rd Harmonic Distortion
2 V
PP , 10 MHz
−75
dBc
IMD
3
rd Order Intermodulation Products
10 MHz, Two tones 2Vpp at output
−80
dBc
Equivalent Input Noise
VN
Voltage
>1 MHz, Input Referred
5
nV
ICN
Current
>1 MHz, Input Referred
5
pA/
Static, DC Performance
GAIN
Voltage Gain (Note 5)
No Load
1.9
2.0
2.1
V/V
Gain Error(Note 5)
No Load, channel to channel
±0.3
±0.5
±0.7
%
Gain Error
R
L =50
Ω
0.3
%
VIO
Output Offset Voltage (Note 5)
V
IN =0V
1
±14
±17.5
mV
DVIO
Average Drift
27
µV/˚C
IBN
Input Bias Current (Notes 7, 5)
V
IN = 0V
−1.4
±2.8
±3.5
µA
DIBN
Average Drift
7
nA/˚C
PSRR
Power Supply Rejection Ratio
(Note 5)
DC, Input referred
50
48
54
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com