Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6572 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6572
Description  Triple 2:1 High Speed Video Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6572 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6572 Datasheet HTML 1Page - National Semiconductor (TI) LMH6572 Datasheet HTML 2Page - National Semiconductor (TI) LMH6572 Datasheet HTML 3Page - National Semiconductor (TI) LMH6572 Datasheet HTML 4Page - National Semiconductor (TI) LMH6572 Datasheet HTML 5Page - National Semiconductor (TI) LMH6572 Datasheet HTML 6Page - National Semiconductor (TI) LMH6572 Datasheet HTML 7Page - National Semiconductor (TI) LMH6572 Datasheet HTML 8Page - National Semiconductor (TI) LMH6572 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±3.3V Electrical Characteristics (Continued)
V
S = ±3.3V, RL = 100
Ω; Unless otherwise specified.
Symbol
Parameter
Conditions(Note 2)
Min
Typ
Max
Units
HD3
3
rd Harmonic Distortion
2 V
PP, 10MHz
−74
dBc
IMD
3
rd Order Intermodulation Products
10 MHz, Two tones 2Vpp at output
−79
dBc
Static, DC Performance
GAIN
Voltage Gain
2.0
V/V
VIO
Output Offset Voltage
V
IN =0V
1
mV
DVIO
Average Drift
36
µV/˚C
IBN
Input Bias Current (Note 7)
V
IN =0V
2
µA
DIBN
Average Drift
24
nA/˚C
PSRR
Power Supply Rejection Ratio
DC, Input Referred
54
dB
ICC
Supply Current
R
L = ∞
20
mA
VIH
Logic High Threshold
Select & Enable Pins
1.3
V
VIL
Logic Low Threshold
Select & Enable Pins
0.4
V
Miscellaneous Performance
RIN+
Input Resistance
100
k
Ω
CIN
Input Capacitance
0.9
pF
ROUT
Output Resistance
0.27
Ω
VO
Output Voltage Range
No Load
±2.5
V
VOL
R
L = 100
Ω
±2.2
V
CMIR
Input Voltage Range
±1.2
V
IO
Linear Output Current
V
IN =0V
±60
mA
ISC
Short Circuit Current
V
IN = ±1V, Output shorted to
ground
±150
mA
XTLK
Channel to Channel Crosstalk
5 MHz
−90
dBc
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self heating where TJ > TA.
See Applications Section for information on temperature de-rating of this device. Min/Max ratings are based on product testing, characterization and simulation.
Individual parameters are tested as noted.
Note 3: The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the Application Section for
more details. A short circuit condition should be limited to 5 seconds or less.
Note 4: Human Body model, 1.5 k
Ω in series with 100 pF. Machine model, 0Ω In series with 200 pF
Note 5: Parameters guaranteed by electrical testing at 25˚ C.
Note 6: Parameters guaranteed by design.
Note 7: Positive Value is current into device.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com