Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9810 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9810 Datasheet HTML 1Page - National Semiconductor (TI) LM9810 Datasheet HTML 2Page - National Semiconductor (TI) LM9810 Datasheet HTML 3Page - National Semiconductor (TI) LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
http://www.national.com
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Static Offset DAC Characteristics
Monotonicity
6
bits (min)
Offset DAC LSB size
PGA gain = 1
20
14
26
LSB (min)
LSB (max)
Offset DAC Adjustment Range
PGA gain = 1
±590
±575
LSB (min)
System Characteristics (see section 1.7.1, Internal Offsets)
C
Analog Channel Gain Constant
(ADC Codes/V)
Includes voltage reference
variation, gain setting = 1
2008
1873
2129
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CCD Mode
17.6
-32.1
+68.9
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CIS Mode
18
-22.2
+57
LSB (min)
LSB (max)
VOS2
Pre-PGA Analog Channel Offset Error
-40
-94.3
+16.4
LSB (min)
LSB (max)
VOS3
Post-PGA Analog Channel Offset Error
-44
-121
+28
LSB (min)
LSB (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0VDC, fMCLK=24MHz, Rs=25Ω. Boldface limits apply for
TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
D0-D2, MCLK, NewLine, SampCLK Digital Input Characteristics
VIN(1)
Logical “1” Input Voltage
VD
=5.25V
2.0
V (max)
VIN(0)
Logical “0” Input Voltage
VD
=4.75V
0.8
V (min)
I
IN
Input Leakage Current
VIN=VD
VIN=DGND
0.1
-0.1
µA(max)
µA(max)
CIN
Input Capacitance
5
pF
D0-D5 Digital Output Characteristics
V
OUT(1)
Logical “1” Output Voltage
VD
=4.75V, IOUT=-360µA
VD
=4.75V, IOUT=-10µA
2.4
4.4
V (min)
V (min)
VOUT(0)
Logical “0” Output Voltage
VD
=5.25V, IOUT=1.6mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
(D0-D5 only)
VOUT=DGND
VOUT=VD
0.1
-0.1
µA
µA
Power Supply Characteristics
IA
Analog Supply Current
Operating
Standby with input clocks stopped
Standby with input clocks running
45
0.8
3.0
57
0.9
mA (max)
mA (max)
mA
ID
Digital Supply Current (Note 15)
Operating
Standby with input clocks stopped
Standby with input clocks running
220
110
220
320
200
µA (max)
µA (max)
µA
LM9820 Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0VDC, fMCLK=24MHz, Rs=25Ω. Boldface limits apply for
TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. All LSB limits are in units of the LM9820’s 12 bit ADC. (Notes 7, 8, & 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com