Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9810 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 3Page - National Semiconductor (TI) LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) LM9810 Datasheet HTML 10Page - National Semiconductor (TI) LM9810 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
http://www.national.com
Note 7: Two diodes clamp the OS analog inputs to
AGND and VA as shown below. This input protection, in combination with the external clamp capacitor and the output
impedance of the sensor, prevents damage to the LM9810/20 from transients during power-up.
Note 8: To guarantee accuracy, it is required that VA and VD be connected together to the same power supply with separate bypass capacitors at each supply pin.
Note 9: Typicals are at TJ=TA=25°C, fMCLK = 24MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Integral non-linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer function of the
ADC.
Note 12: VREF is defined as the CCD OS voltage for the reference period following the reset feedthrough pulse. VWHITE is defined as the peak CCD pixel output voltage for
a white (full scale) image with respect to the reference level, VREF . VRFT is defined as the peak positive deviation above VREF of the reset feedthrough pulse. The maximum
correctable range of pixel-to-pixel VWHITE variation is defined as the maximum variation in VWHITE (due to PRNU, light source intensity variation, optics, etc.) that the
LM9810/20 can correct for using its internal PGA.
Note 13:
PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated by using the formula
where
.
Note 14: Full Channel INL and DNL are tested with CDS disabled, negative signal polarity, and a single OS input with a gain register setting of 1 (000001b) and an offset
register setting of 0 (000000b).
Note 15: The digital supply current (ID) does not include the load, data and switching frequency dependent current required to drive the digital output bus on pins (
D5 - D0).
The current required to switch the digital data bus can be calculated from: Isw = 2*Nd*Psw*CL*
VD/tSampCLK where Nd is total number of data pins, Psw is the probability
of each data bit switching, CL is the capacitive loading on each data pin,
VD is the digital supply voltage and tSampCLK is the period of the SampCLK signal. Since Nd is
6, Psw should be .5, and
VD is nominally 5V, the switching current can usually be calculated from: Isw = 30*CL/tSampCLK. For example, if the capacitive load on each dig-
ital output pin (
D5 - D0) is 20pF and the period of tSampCLK is 1/6MHz or 167ns , then the digital switching current would be 7.2mA. The calculated digital switching current
will be drawn through the
VD pin and should be considered as part of the total power budget for he LM9810/20.
OS Input
AGND
VA
TO INTERNAL
CIRCUITRY
VWHITE
VREF
VRFT
CCD Output Signal
Gain
PGA
V
V
----


G
0
X
PGA code
32
---------------------------
+
=X
G
31
G
0
–
()32
31
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com