Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9810 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 12Page - National Semiconductor (TI) LM9810 Datasheet HTML 13Page - National Semiconductor (TI) LM9810 Datasheet HTML 14Page - National Semiconductor (TI) LM9810 Datasheet HTML 15Page - National Semiconductor (TI) LM9810 Datasheet HTML 16Page - National Semiconductor (TI) LM9810 Datasheet HTML 17Page - National Semiconductor (TI) LM9810 Datasheet HTML 18Page - National Semiconductor (TI) LM9810 Datasheet HTML 19Page - National Semiconductor (TI) LM9810 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
http://www.national.com
example, the R offset and gain settings will be used for the first
conversion following a falling edge on NewLine if the color mode is
set to Single Input Color (001).
For the Single Input Color, Bayer and Green Stripe modes, the
mux will always connect the OSB input to the sampler. The offset
and gain settings will alternate values every pixel according to the
order indicated by the Sampler and Color Mode register (see
Table 2). The first falling edge of NewLine following a write to the
Sampler and Color Mode register will ready the offset and gain to
cycle through the colors of the first line of the programmed color
mode. Each subsequent falling edge of NewLine will switch the off-
set and gain settings to the first color of the next line. The
LM9810/20’s unused OS inputs should not be left unconnected.
All three OS inputs should be tied together on the LM9810/20
side of the clamp capacitor (see Figure 3).
For the Line Rate Color mode, the mux will cycle through the OSR,
OSG and OSB inputs after each falling edge of NewLine. The R, G
and B offset & gain settings will be used when the mux is set to
the OSR, OSG and OSB input, respectively. OSR and the R offset &
gain settings will always be used on the first line following a write
register 0.
1.5 Data Latency
The latency through the LM9810/20 is 8 SampCLK periods plus
one MCLK period. The data output on D5 - D0 (MSBs b11 - b6 or
b9 - b4) represents data whose reference signal was sampled 8
tSampCLK + tMCLK + tSampSU earlier (see Diagram 1).
1.6 Programmable Gain
The output of the Sampler drives the input of the x3 Boost gain
stage. The gain of the x3 Boost gain is 3V/V if bit B5 of the cur-
rent color’s gain register (registers 4,5, and 6) is set, or 1V/V if bit
B5 is cleared. The output of the x3 gain stage is the input to the
offset DAC and the output of the offset DAC is the input to the
PGA (Programmable Gain Amplifier). The PGA provides 5 bits of
gain correction over a 0.93V/V to 3V/V (-0.6 to 9.5dB) range. The
x3 Boost gain stage and the PGA can be combined for an overall
gain range of .93V/V to 9.0V/V (-.6 to 19dB). The gain setting for
each color (registers 4, 5 and 6) should be set during calibration
to bring the maximum amplitude of the strongest pixel to a level
just below the desired maximum output from the ADC. The PGA
gain is determined by the following equation:
If the x3 Boost gain is enabled then the overall signal gain will be
three times the PGA gain.
1.7 Offset DAC
The Offset DAC removes the DC offsets generated by the sensor
and the LM9810/20’s analog signal chain (see section 1.7.1,
Internal Offsets). The DAC value for each color (registers 1,2 and
3) should be set during calibration to the lowest value that still
results in an ADC output code greater than zero for all the pixels
when scanning a black line. With a PGA gain of 1V/V, each LSB
of the offset DAC typically adds the equivalent of 5 LM9810 LSBs
or 20 LM9820 LSBs, providing a total offset adjustment range of
±150 LM9810 LSBs or ±590 LM9820 LSBs. The Offset DAC’s
output voltage is given by:
In terms of output codes, the offset is given by:
The offset is positive if bit B5 is cleared and negative if B5 is set.
Since the analog offset is added before the PGA gain, the value
of the PGA gain must be considered when selecting the offset
DAC values.
1.7.1 Internal Offsets
Figure 4 is a model of the LM9810/20’s internal offsets. Equation
5 shows how to calculate the expected output code given the
input voltage (VIN), the LM9810/20 internal offsets (VOS1, VOS2,
VOS3), the programmed offset DAC voltage (VDAC), the pro-
grammed gains (GB, GPGA) and the analog channel gain con-
stant C.
C is a constant that combines the gain error through the AFE, ref-
erence voltage variance, and analog voltage to digital code con-
version into one constant. Ideally, C = 2048 codes/V (4096
codes/2V) for the LM9820 and 512 codes/V (1024 codes/2V) for
the LM9810. Manufacturing tolerances widen the range of C (see
Electrical Specifications).
Figure 4: Internal Offset Model
Equation 5: Output code calculation with internal offsets
Equation 6 is a simplification of the output code calculation,
neglecting the LM9810/20’s internal offsets.
DOS
OS
OSB
SENSOR
NC
CCLAMP
Figure 3: OS Connections for single output sensors
LM9810/20
OSG
OSR
PGA Gain
V
V
----


0.933 + .0667 (value in bits B4-B0)
=
Equation 1: PGA Gain
V
DAC
9.75mV (value in B4 - B0)
⋅
=
Equation 2: Offset DAC Output Voltage
Offset
5LSBs (value in B4 - B0) PGA Gain
⋅⋅
=
Equation 3: LM9810 Offset Equation
Offset
20LSBs (value in B4 - B0) PGA Gain
⋅⋅
=
Equation 4: LM9820 Offset Equation
VDAC
DAC
Offset
GPGA
Σ
+
+
ADC
+
+
+
+
VOS3
VOS2
Σ
Σ
GB
+
+
VOS1
VIN
Σ
x3 Boost
1V/V or
3V/V
PGA
0.93V/V to
3V/V
DOUT
D
OUT
V
IN
V
OS 1
+
()G
B
V
DAC
V
OS2
++
()G
PGA
V
OS1
+
()C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com