Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9810 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) LM9810 Datasheet HTML 10Page - National Semiconductor (TI) LM9810 Datasheet HTML 11Page - National Semiconductor (TI) LM9810 Datasheet HTML 12Page - National Semiconductor (TI) LM9810 Datasheet HTML 13Page - National Semiconductor (TI) LM9810 Datasheet HTML 14Page - National Semiconductor (TI) LM9810 Datasheet HTML 15Page - National Semiconductor (TI) LM9810 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
http://www.national.com
Table 2: Configuration Register Parameters
Parameter
(Address)
Control Bits
Result
Sampler and Color Mode (0)
CDS Enable
(0)
B5
0
1
CDS Enabled
Single Ended (CDS disabled)
Signal Polarity
(0)
B4
0
1
Negative Polarity
Positive Polarity
Color Mode
(0)
B2
B1
B0
00
0
Line Rate Color -
Mux, Gain & Offset change at the line rate:
*1st line: Mux = OSR, Gain & Offset = R
2nd line: Mux = OSG Gain & Offset = G
3rd line: Mux = OSB Gain & Offset = B
repeat…
* state of the first line after a write to this register
00
1
Single Input Color - Mux selects OSB input. Gain & Offset change at the
pixel rate:
Gain & Offset = R,G,B,R,G,B…
01
0
RESERVED
01
1
Monochrome Mux selects OSR input. Gain & Offset = R
10
0
Monochrome Mux selects OSG input. Gain & Offset = G
10
1
Monochrome Mux selects OSB input. Gain & Offset = B
11
0
Bayer - Mux selects OSB input. Gain & Offset change at the pixel rate:
*1st line: Gain & Offset = G,R,G,R,...
2nd line: Gain & Offset = B,G,B,G,…
repeat…
* state of the first line after a write to this register
11
1
Green Stripe - Mux selects OSB input. Gain & Offset change at the pixel
rate:
*1st line: Gain & Offset = R,G,B,G,R,G,B,...
2nd line: Gain & Offset = B,G,R,G,B,G,R,…
repeat…
* state of the first line after a write to this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com