Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40720 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICS-40720
Description  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICS-40720 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
 
 
  ICS‐40720 
Page 4 of 16
 
Document Number: DS‐000045  
Revision: 1.3 
ABSOLUTE MAXIMUM RATINGS 
Stress above those listed as Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only 
and functional operation of the device at these conditions is not implied.  Exposure to the absolute maximum ratings conditions for 
extended periods may affect device reliability.  
 
TABLE 2. ABSOLUTE MAXIMUM RATINGS 
 
PARAMETER 
RATING
Supply Voltage (VDD) 
−0.3 V to +3.63 V
Sound Pressure Level 
160 dB
Mechanical Shock 
10,000 g
Vibration 
Per MIL‐STD‐883 Method 2007, Test Condition B 
Temperature Range 
  Biased −40°C to +85°C
  Storage −55°C to +150°C
 
 
 
 
ESD CAUTION 
 
 
 
 
 
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
  
 
 
 
 
 
 
ESD (electrostatic discharge) sensitive device. 
Charged devices and circuit boards can 
discharge without detection. Although this 
product features patented or proprietary 
protection circuitry, damage may occur on 
devices subjected to high energy ESD. 
Therefore proper ESD precautions should be 
taken to avoid performance degradation or 
loss of functionality.  
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com