Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40720 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICS-40720
Description  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICS-40720 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 
 
  ICS‐40720 
Page 7 of 16
 
Document Number: DS‐000045  
Revision: 1.3 
TYPICAL PERFORMANCE CHARACTERISTICS 
 
Figure 3. Frequency Response Mask 
 
Figure 4. Typical Frequency Response (Measured) 
 
 
Figure 5. Power‐Supply Rejection Ratio (PSRR) vs. Frequency 
Figure 6. THD + N vs. Input Level 
 
Figure 7. Linearity 
Figure 8 Clipping Characteristics 
 
20
–20
–15
–10
–5
0
5
10
15
10
100
1k
10k
FREQUENCY (Hz)
20
–20
–15
–10
–5
0
5
10
15
10
100
1k
10k
FREQUENCY (Hz)
‐50
‐49
‐48
‐47
‐46
‐45
‐44
‐43
‐42
‐41
‐40
10k
1k
100
FREQUENCY (Hz)
0.01
0.1
1
10
90
INPUT (dB SPL) 
120
115
110
105
100
95
130
125
-40
-35
-30
-25
-20
-15
-10
-5
0
90
100
110
120
130
INPUT AMPLITUDE (dB SPL)
‐1.00
‐0.75
‐0.50
‐0.25
0.00
0.25
0.50
0.75
1.00
TIME (ms)
120 dB SPL
 
124 dB SPL
128 dB SPL
 
132 dB SPL
 
1
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com