Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40720 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS-40720
Description  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS-40720 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 
 
  ICS‐40720 
Ultra‐Low Noise Microphone with Differential Output  
 
InvenSense reserves the right to change the detail 
specifications as may be required to permit improvements 
in the design of its products. 
InvenSense Inc. 
1745 Technology Drive, San Jose, CA 95110 U.S.A 
+1(408) 988–7339 
www.invensense.com 
Document Number: DS‐000045  
Revision: 1.3 
Rev Date: 1/20/16 
 
 
GENERAL DESCRIPTION 
The ICS‐40720 is an ultra‐low noise, differential analog 
output, bottom‐ported MEMS microphone. The ICS‐40720 
includes a MEMS microphone element, an impedance 
converter, a differential output amplifier and an enhanced RF 
package. The ICS‐40720’s 70 dB SNR and ±2 dB sensitivity 
tolerance make it an excellent choice for microphone arrays 
and far field voice control applications.  
 
The ICS‐40720 has a linear response up to 124 dB SPL with a 
differential output sensitivity specification of −32 dBV. It can 
be used in a single‐ended mode with −38 dBV sensi vity and 
the same high SNR.  
 
The ICS‐40720 is available in a small 4.00 mm × 3.00 mm × 
1.20 mm surface‐mount package. 
 
 
APPLICATIONS 
Smartphones  
Tablet Computers 
Teleconferencing Systems 
Digital Still and Video Cameras 
Bluetooth Headsets 
Security and Surveillance 
Microphone Arrays 
Voice Control and Activation 
 
FEATURES 
Ultra‐High 70 dBA SNR 
−32 dBV Differential Sensitivity, −38 dBV Single‐
Ended Sensitivity 
±2 dB Sensitivity Tolerance 
Small 4 × 3 × 1.2 mm Surface‐Mount Package 
Non‐Inverted Signal Output 
Extended Frequency Response from 75 Hz to 20 kHz 
Enhanced RF Performance 
285 µA Current Consumption  
124 dB SPL Acoustic Overload Point 
−77 dBV PSR  
Compatible with Sn/Pb and Pb‐Free Solder Processes  
RoHS/WEEE Compliant 
 
FUNCTIONAL BLOCK DIAGRAM 
 
 
ORDERING INFORMATION 
 
PART
TEMP RANGE 
PACKAGING
ICS‐40720
−40°C to +85°C 
13” Tape and Reel
EV_ICS‐40720‐FX
— 
—
 
 
  
OUTPUT
AMPLIFIER
ICS-40720
POWER
VDD GND
OUTPUT+
OUTPUT−


Similar Part No. - ICS-40720

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-40720 TDK-ICS-40720 Datasheet
296Kb / 16P
Ultra?륧ow Noise Microphone with Differential Output
More results

Similar Description - ICS-40720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-40310 TDK-ICS-40310 Datasheet
410Kb / 14P
Ultra-low Current, Low-Noise Microphone with Analog Output
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40720 TDK-ICS-40720 Datasheet
296Kb / 16P
Ultra?륧ow Noise Microphone with Differential Output
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP510 TDK-INMP510 Datasheet
427Kb / 13P
RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com