Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40720 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ICS-40720
Description  Ultra?륧ow Noise Microphone with Differential Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS-40720 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ICS-40720 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS-40720 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 
 
  ICS‐40720 
Page 9 of 16
 
Document Number: DS‐000045  
Revision: 1.3 
APPLICATIONS INFORMATION 
 
CODEC CONNECTION 
The ICS‐40720 output can be connected to a dedicated codec microphone input (see Figure 9) or to a high input impedance gain 
stage. A 0.1 µF ceramic capacitor placed close to the ICS‐40720 supply pin is used for testing and is recommended to adequately 
decouple the microphone from noise on the power supply. DC blocking capacitors are required at the outputs of the microphone. 
These capacitors create a high‐pass filter with a corner frequency at  
fC = 1/(2π × C × R)
where R is the input impedance of the codec.  
A minimum value of 2.2 μF is recommended in Figure 9 because the input impedance of some codecs can be as low as 2 kΩ at their 
highest PGA gain setting, which results in a high‐pass filter corner frequency at 37 Hz.  
 
Figure 9. ICS‐40720 Connected to a Differential‐Input Codec 
 
CODEC
ICS-40720
GND
OUTPUT+
IN+
IN−
MICBIAS
2.2µF
MINIMUM
0.1µF
VDD
OUTPUT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com