Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA8.300 Datasheet(PDF) 2 Page - PULS GmbH

Part # SLA8.300
Description  AS-Interface power on three phases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA8.300 Datasheet(HTML) 2 Page - PULS GmbH

  SLA8.300 Datasheet HTML 1Page - PULS GmbH SLA8.300 Datasheet HTML 2Page - PULS GmbH SLA8.300 Datasheet HTML 3Page - PULS GmbH SLA8.300 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/ 4
sla8e100 / 040225
SLA8.300
Data sheet
FUSE Mode
Operating and environmental data
The FUSE Mode (electronic fuse in the output) protects the unit from
overload and overtemperature. The FUSE Mode acts as a fuse for the
secondary side and protects cables and slaves.
Shutdown:
• At overtemperature, overload or short-circuit, the unit switches off
the output after 2...5s.
Indicator:
• Activation of the FUSE Mode is indicated by a flashing red LED.
Reset/Restart:
• by intentionally pushing the Reset button on the unit front panel
• by turning off the mains voltage. Before restarting the unit, wait at
least twice the time the flashing red LED needed to extinguish after
the mains voltage dropped.
Non-operating
temperature range
-25°C...+85°C
Operating
temperature range
-10°C...+70°C
(measured at 25mm below the unit)
Derating
from 60°C 6W/°C onwards, power reduction
necessary (see diagram)
Cooling
natural convection,
no forced air-cooling necessary
Over-temperature
protection
implemented (indicated by a flashing 'Over-
load' LED)
Humidity
protect from moisture and condensation
Vibration
• Sinus
•Random
2 – 17.8Hz ±1.6cm
17.8Hz – 500Hz
2g (IEC 68-2-6)
2...800Hz
0.5m2 (s3) (IEC 68-2-64)
Shock
15g (6ms), 10g (11ms), (IEC 68-2-27)
Degree of pollution
2 (EN 60950)
Overvoltage category II (IEC 60950), III (EN 50178)
Electromagnetic Compatibility (EMC)
Efficiency, Reliability
Emissions
EN 50081-1 (EN 55011, EN 55022,
Class B conducted noise,
Class A radiated noise),
EN 61000-3-2 (A14) and EN 61000-3-3
Immunity
• Electrostatic
Discharge (ESD)
EN 61000-6-2 (also includes EN 55024),
EN 61000-4-2, Level 4
(withstands 8kV direct discharge,
15kV air discharge)
• Electromagnetic
radiated fields
EN 61000-4-3, Level 3 (10V/m)
ENV 50204 (10V/m)
• Burst, coupled to:
– ACin lines
– DCout lines
EN 61000-4-4,
Level 4 (4kV)
Level 3 (2kV)
• Surge transients
– Differential
mode (L
→PE)
– Common mode
(L
→ N)
EN 61000-4-5,
Installation class 4 (4kV)
Installation class 4 (2kV)
• Conducted noise
immunity
EN 61000-4-6,
Level 3 (10V, 150kHz - 80MHz)
• Voltage dips
EN 61000-4-11
•Transient
immunity
Transient resistance acc. to VDE 0160 / W2
across entire load range
Efficiency
typ. 91.5% (3 AC 400V, 8A)
Power dissipation
typ. 22.5W (3 AC 400V, 8A)
Schematic
Harmonics-
Transient-
Inrush- and
EMC- Filter
Input Rectifier
and Hold-up
Capacitor
V
L1
L2
L3
DC to DC
Converter
DC
DC
Infrared (IR)
Addressing
Mode
AS-i +
Shield
AS-i +
AS-i -
AS-i -
Mode Selector:
Communication/
IR Addressing
IR on
AS-i ok
Reset
Overload
AS-i
Decoupling
Network
Electronic
Overcurrent
Breaker
I>I
max & t>4sec.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com