Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA8.300 Datasheet(PDF) 1 Page - PULS GmbH

Part # SLA8.300
Description  AS-Interface power on three phases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA8.300 Datasheet(HTML) 1 Page - PULS GmbH

  SLA8.300 Datasheet HTML 1Page - PULS GmbH SLA8.300 Datasheet HTML 2Page - PULS GmbH SLA8.300 Datasheet HTML 3Page - PULS GmbH SLA8.300 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
sla8e100 / 040225
1/ 4
AS-Interface
power on three phases
SLA8.300
• Input: 3 AC 400-500V
• No neutral wire required
• Output: 30.5V / 8A
• AS Interface data decoupling
• Infrared (IR) addressing mode
• Overload protection by FUSE Mode
• For highly demanding industrial
applications
Input
Rated voltage
3 AC 400-500V
Rated current
3 x 0.8A/0.7A at AC 400V/500V
Frequency
47...63Hz (alternatively also DC possible)
Voltage range
3 AC 340...576V, DC 450...820V
2-phase operation is specified and permissible. Connection to 3 phases
is recommended due to reduced component stress. Internally fused on
each phase. External fusing is only necessary as required for input line
protection.
Power factor
>0.52
Integrated internal
fuses
3xT2A5 HBC (not accessible)
Inrush current
limited by NTC resistor
Tamb = +60°C, cold start
(line impedence acc. EN 61000-3-3)
EN 61000-3-2 (harmonic current emissions) is fulfilled
Hold-up time
>18ms (3-phase operation at AC 340V and
rated load); also see diagram
3 AC 400V
3 AC 500V
DC 820V
Peak current Ipk
<50A
<60A
<70A
I2t
<1.5A2s<2.5A2s<3.5A2s
Output
Rated voltage
DC 30.5V ±3% (not adjustable)
Rated current
8A
Isoltation
Safe low voltage
PELV (IEC364-4-41)
SELV (IEC60950)
Current limitation
> 8.4A
Overload behaviour
FUSE Mode (continuous current for 2...5s, af-
terwards permanent switch-off)
Short-circuit current
>14A, <20A (max. 5s)
Load regulation
stat. 250mV (no load / full load)
line regulation
stat. 100mV (3 AC 340...550V)
Ripple
50 mVPP (500kHz bandw., 50Ω measurem.,
ohmic load)
Noise (Spikes)
100mVPP (20MHz bandw., 50Ω measurem.,
ohmic load)
Overvoltage protection limited to max. 50V
Operating indicator
Green LED (extinguishes at overload)
Output is protected against short-circuit, open circuit and overload.
Use AS-Interface power supplies only together with AS-Interface lines!
Data and energy:
The primary switched mode DIN rail power supply SLA8.300 specifically
supplies AS Interface® systems with energy. The AS-Interface bus
technology allows to connect up to 62 participants to a control and to
supply them with energy with a single two-conductor cable. When
connecting slaves, the yellow AS-Interface cable offers the high degree
of protection IP67 in conjunction with the insulation displacement. The
communication signals of the individual network participants are
modulated onto the supply voltage. For this purpose, specific power
supply units with integrated data decoupling are required for AS-
Interface systems.
Fast addressing of slaves:
The "IR addressing mode" selectable via jumper interrupts the data com-
munication on the yellow AS-Interface cable. Participants with an infra-
red interface can then quickly be assigned a new ID address by means of
an infrared programming unit without the need to disconnect them
from the AS-Interface cable. Afterwards, the "Communication Mode"
can be selected again to restart the data communication.
Safe operation by FUSE Mode:
The device features a FUSE Mode, which permanently switches off the
output in the event of failure and the unit at overload, short-circuit or
overtemperature and thus protects the relatively thin AS-Interface line
and the attached components. Triggering of the FUSE Mode is indicated
by a flashing LED. System restart requires the intentional activation of a
reset button on the front side of the unit. Thus, an accidental restart is
prevented and the slaves are protected against damage.
Order information
Order number
Description
SLA8.300
SLZ02
AS-Interface power supply unit
Wall mounting set (two pcs. per package)
Short description
Appr.No. 41701
EMC and
Low Volt.
Directive


Similar Part No. - SLA8.300

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
More results

Similar Description - SLA8.300

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75AA120 SANREX-DF75AA120 Datasheet
100Kb / 2P
THREE PHASES BRIDGE DIODE
logo
SiPower Inc.
SPMH316 SIPOWER-SPMH316 Datasheet
549Kb / 3P
Three Phases Bridge Power Modules
SPMH416 SIPOWER-SPMH416 Datasheet
548Kb / 3P
Three Phases Bridge Power Modules
logo
Inchange Semiconductor ...
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
Three Phases Bridge Module
SKD25-16 ISC-SKD25-16 Datasheet
305Kb / 2P
Three Phases Bridge Module
6RI50E-060 ISC-6RI50E-060 Datasheet
274Kb / 2P
Three Phases Bridge Module
PSD62-12 ISC-PSD62-12 Datasheet
274Kb / 2P
Three Phases Bridge Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com