Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA8.300 Datasheet(PDF) 4 Page - PULS GmbH

Part # SLA8.300
Description  AS-Interface power on three phases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA8.300 Datasheet(HTML) 4 Page - PULS GmbH

  SLA8.300 Datasheet HTML 1Page - PULS GmbH SLA8.300 Datasheet HTML 2Page - PULS GmbH SLA8.300 Datasheet HTML 3Page - PULS GmbH SLA8.300 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your partner in power supply:
European
Power Supply
Manufacturers
Association
PULS GmbH
Arabellastraße 15
D-81925 München
Tel.: +49 89 9278-0
www.puls-power.com
Fax: +49 89 9278-199
SLA8.300
Data sheet
4/ 4
sla8e100 / 040225
Bayerns Best 50
Czech 100 Best
Europe’s 500
Functional diagrams
0
20
40
60
80
100
340
360
380
400
420 440
460
480
500
Input voltage VACin [V]
Iout = 4.8A
Iout = 6.4A
Iout = 8A
0
5
10
15
20
25
30
35
0 2 4 6 8 10 1214 1618 2022
Output current Iout [A]
85
86
87
88
89
90
91
92
93
2
345
678
Output current Iout [A]
0
3
6
9
12
15
18
21
24
Efficiency
Pow er loss
Hold-up time
Efficiency / Power dissipation
Start behaviour
Derating
Overload response until FUSE Mode
Specifications valid for 3 x AC 400V input voltage, +25°C ambient temperature, and 5 min run-in time, unless otherwise stated. They are subject to change without prior notice.
Imax
8A
6A
Tamb
7A
a
a
3 AC 340...360V
is activated
FUSE Mode / Signals and LED
2...5s
Iout
Irated
time
Overload
LED
'Overload'
time
LED
Green
time
Reset
(Button)
time
0.8 Hz
Uout
Uin
30.6V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com