Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA8.300 Datasheet(PDF) 3 Page - PULS GmbH

Part # SLA8.300
Description  AS-Interface power on three phases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLA8.300 Datasheet(HTML) 3 Page - PULS GmbH

  SLA8.300 Datasheet HTML 1Page - PULS GmbH SLA8.300 Datasheet HTML 2Page - PULS GmbH SLA8.300 Datasheet HTML 3Page - PULS GmbH SLA8.300 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
sla8e100 / 040225
3/ 4
SLA8.300
Data sheet
109
117
5
Connectors and terminals
Front elements
Terminals
Fingertouch-proof terminals with captive
screws for 5.5mm slotted screwdriver or Philips
cross-recessed screwdriver No. 2
Position
Easy to reach terminals on the front panel;
input and output clearly separate from each
other
Tightening torque
0.8Nm
Connector size range
• flexibel cable
• solid cable
0.5-4mm2
(20-10AWG)
0.5-6mm2
(20-10AWG)
Ferrules
admissible
Stripping length
7mm
PE terminal
N
Input neutral
L (L1, L2, L3)
Input phase
brown
Positive AS-Interface output voltage (twice)
blue
Negative AS-Interface output voltage (twice)
Shield
Connection of machine ground.
(Functional earth for balancing the AS-Inter-
face output. Connection is recommended for
EMC)
Construction / Mechanics
Installation notes
Housing
Robust metal housing for built-in installation
Degree of protection
IP20 (EN 60529)
Class of protection
1 (IEC536);
do not use without protective earth (PE)
Width w
Height h
Depth d
129mm
124mm
117mm (without DIN rail)
Weight
appr. 1160g
External fusing
• not necessary (internal fuse)
• observe national regulations
• Circuit breaker with B-characteristic min. 6A/
phase or slower action, or alternatively min.
6A HBC fuse
Mounting position
vertical; input below, output above
Free space for cooling above / below 25mm recommended
left / right 15mm recommended
Always connect PE before operating the unit!
Operation without AS-Interface: This AS-Interface PSU has an in-
ductive output. When operating without AS-Interface structure (e.g. in
a laboratory test) you should connect a 470µF / 35V capacitor between
AS-Interface + and AS-Interface – as commercial electronic loads in
combination with the data decoupling often tend to oscillate, and the
oscillation may exceed the permitted modulation voltage. Otherwise,
equipment may be destroyed.
Operating indicators and elements
Input terminals
DIN rail mounting bracket
Plastic slider:
• Mounting: Place the unit onto the
DIN-rail and push it downwards
and against the lower front edge
until it snaps into place.
• Detachment: Push downwards
and detach the unit from its DIN-
rail mounting bracket.
Green LED:
• ON: AS-Interface volt-
age is within the limits
• OFF: at overload or
missing input voltage
Output terminals:
Dual terminals for
AS-Interface + und
AS-Interface –
Plastic slider
Red LED:
flashes when FUSE Mode
has been triggered
Reset Button:
Push to reset the
FUSE Mode
Red LED:
• ON: Jumper pos. 2-3
• OFF: Jumper pos. 1-2
Connection machine
ground
Plug-in jumper:
• Pos. 1-2: regular AS-In-
terface communication
• Pos. 2-3: Data commu-
nication is interrupted.
IR-addressing can be
carried out



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com