Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT20.361 Datasheet(PDF) 13 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 13 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH QT20.361 Datasheet HTML 12Page - PULS GmbH QT20.361 Datasheet HTML 13Page - PULS GmbH QT20.361 Datasheet HTML 14Page - PULS GmbH QT20.361 Datasheet HTML 15Page - PULS GmbH QT20.361 Datasheet HTML 16Page - PULS GmbH QT20.361 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits
Output over-voltage protection
typ. 49Vdc
max. 53Vdc
In case of an internal power supply defect, a redundant
circuitry limits the maximum output voltage. The output
shuts-down and automatically attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
Output shut-down with automatic restart
Input transient protection
MOV (Metal Oxide Varistor) and active transient filter
Internal input fuse
Not included
See section 27.6
Note: In case of a protection event, audible noise may occur.
19. SAFETY
Input / output separation
SELV
IEC/EN 60950-1
PELV
EN 60204-1, EN 50178, IEC 60364-4-41
double or reinforced insulation
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 5MOhm
Input to output, 500Vdc
PE resistance
< 0.1Ohm
Between housing and PE terminal
Touch current (leakage current)
typ. 0.38mA
3x 400Vac, 50Hz, TN mains
typ. 0.54mA
3x 480Vac, 60Hz, TN mains
< 0.47mA
3x 440Vac, 50Hz, TN mains
< 0.7mA
3x 528Vac, 60Hz, TN mains
20. DIELECTRIC STRENGTH
Fig. 20-1 Dielectric strength
A
B
C
D
Type test
60s
2500Vac
3000Vac
500Vac 500Vac
Factory test
5s
2500Vac
2500Vac
500Vac 500Vac
Field test
5s
2000Vac
2000Vac
500Vac 500Vac
A
D
C
B
L1
Input
DC-ok
Earth
Output
-
+
L3
L2
Type tests and factory tests:
Conducted by the manufacturer. Do not repeat test in field!
Rules for field test:
Use appropriate test equipment which applies the voltage
with a slow ramp! Connect L1, L2 and L3 together as well as
all output poles.
The output voltage is floating and has no ohmic connection to ground.
To fulfill the PELV requirements according to EN60204-1 § 6.4.1, we recommend that either the + pole, the – pole or
any other part of the output circuit shall be connected to the protective earth system. This helps to avoid situations in
which a load starts unexpectedly or can not be switched off any more when unnoticed earth faults occur.
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com