Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT20.361 Datasheet(PDF) 9 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 9 Page - PULS GmbH

Back Button QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH QT20.361 Datasheet HTML 10Page - PULS GmbH QT20.361 Datasheet HTML 11Page - PULS GmbH QT20.361 Datasheet HTML 12Page - PULS GmbH QT20.361 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12. FUNCTIONAL DIAGRAM
Fig. 12-1 Functional diagram
+
+
-
-
V
OUT
DC
ok
Output
Over-
Voltage
Protection
PFC
Converter
Input Filter
Input Rectifier
Inrush Limiter
Transient Filter
Output
Voltage
Regulator
Power
Converter
Output
Filter
DC ok
Relay
Output
Voltage
Monitor
Output
Power
Manager
Temper-
ature
Shut-
down
Over-
load
DC
ok
L2
L3
L1
13. FRONT SIDE AND USER ELEMENTS
Fig. 13-1 Front side
Output voltage potentiometer
(multi turn potentiometer)
Open the flap to tune the output voltage.
Factory setting: 36.0V
Output Terminals
Quick-connect spring-clamp
terminals, no tools required
+
Positive output
-
Negative (return) output
Dual pins per pole
DC ok Relay contact
(NO-contact)
9/23
DC-ok lamp (green)
Overload lamp (red)
Overload
lamp
DC-ok
lamp
DC-ok
contact
Normal mode
OFF
ON
Closed
480W Continuous power /
720W Peak power
BonusPower
®
mode
OFF
ON
Closed
Overload
(V
OUT < 90%)
ON
OFF
Open
Short-circuit
(V
OUT = ca. 0V)
ON
OFF
Open
Over-
temperature
ON
OFF
Open
Input Terminals
Quick-connect spring-clamp
terminals, no tools required
L1, L2, L3 Line inputs
... PE (Protective Earth) input
No input power
OFF
OFF
Open
See chapter 14 “Terminals and
Wiring” to choose appropriate
wire gauges
DC-ok lamp and DC-ok contact
function synchronized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com