Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT20.361 Datasheet(PDF) 1 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 1 Page - PULS GmbH

  QT20.361 Datasheet HTML 1Page - PULS GmbH QT20.361 Datasheet HTML 2Page - PULS GmbH QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
POWER SUPPLY
•
3AC 380-480V Wide-range Input
•
2-Phase Operation also Possible
•
Efficiency up to 94.8%
•
Width only 65mm
•
150% Peak Load Capability
•
Active Power Factor Correction PFC
•
Active Input Transient Filter
•
Full Power Between -25°C and +60°C
•
Minimal Inrush Current
•
DC-OK Relay Contact
•
Quick-connect Spring Clamp Terminals
•
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Output voltage
DC 36V
Adjustment range
36-42V
Output current
13.3A
Continuous, 36V
20A
For typ. 4s, 36V
Output power
480W
Continuous, 36V
720W
For typ. 4s, 36V
Output ripple
< 100mVpp
20Hz to 20MHz
Input voltage
AC 380-480V
±15%
Mains frequency
50-60Hz
±6%
AC Input current
0.79 / 0.65A
At 3x400 / 480Vac
Power factor
0.94 / 0.95
At 3x400 / 480Vac
AC Inrush current
typ. 3A peak
Efficiency
94.8 / 94.6%
At 3x400 / 480Vac
Losses
26.3 / 27.4W
At 3x400 / 480Vac
Temperature range -25°C to +70°C
Operational
Derating
12W/°C
+60 to +70°C
Hold-up time
typ. 22 / 22ms
At 3x400 / 480Vac
Dimensions
65x124x127mm
WxHxD
The most outstanding features of this Dimension Q-
Series DIN-rail power supply are the high efficiency
and the small size, which are achieved by a
synchronous rectification and further novel design
details.
Large power reserves of 150% support the starting
of heavy loads such as DC motors or capacitive loads.
In many cases this allows the use of a unit from a
lower wattage class which saves space and money.
High immunity to transients and power surges as
well as low electromagnetic emission makes usage in
nearly every environment possible.
The integrated output power manager and virtually
no input inrush current make installation and usage
simple with no jumpers and switches necessary.
Diagnostics are easy due to the dry DC-ok contact, a
green DC-ok LED and red overload LED.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
3. ORDER NUMBERS
4. MARKINGS
QT20.361
36-42V Standard unit
Power Supply
Accessory
ZM1.WALL
Wall mount bracket
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
ZM14.SIDE
Side mount bracket
YR2.DIODE
Decoupling module
EMC, LVD
GL
Marine
1/23


Similar Part No. - QT20.361

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
THREE PHASE INPUT
QT20.241-C1 PULS-QT20.241-C1 Datasheet
932Kb / 27P
THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
THREE PHASE INPUT
More results

Similar Description - QT20.361

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
Three Phase AC Input
logo
PULS GmbH
QT40.481 PULS-QT40.481 Datasheet
912Kb / 28P
THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
THREE PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
THREE PHASE INPUT
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
THREE-PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
THREE-PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
THREE-PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com