Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT20.361 Datasheet(PDF) 2 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 2 Page - PULS GmbH

  QT20.361 Datasheet HTML 1Page - PULS GmbH QT20.361 Datasheet HTML 2Page - PULS GmbH QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
INDEX
PAGE
INDEX
PAGE
1.
General Description ............................................1
22. Fulfilled Standards............................................ 14
2.
Short-form Data ..................................................1
23. Used Substances ............................................... 14
3.
Order Numbers....................................................1
24. Physical Dimensions and Weight ..................... 15
4.
Markings ..............................................................1
25. Installation and Operation Instructions .......... 15
5.
AC-Input...............................................................3
26. Accessory........................................................... 16
6.
DC-Input...............................................................4
27. Application Notes............................................. 17
7.
Input Inrush Current ...........................................4
27.1. Repetitive Pulse Loading........................ 17
8.
Output .................................................................5
27.2. Peak Current Capability ......................... 18
9.
Hold-up Time.......................................................7
27.3. Back-feeding Loads ................................ 18
10. DC-OK Relay Contact ..........................................7
27.4. Charging of Batteries ............................. 18
11. Efficiency and Power Losses................................8
27.5. Output Circuit Breakers ......................... 19
12. Functional Diagram.............................................9
27.6. External Input Protection....................... 20
13. Front Side and User Elements.............................9
27.7. 2-Phase Operation.................................. 20
14. Terminals and Wiring........................................10
27.8. Parallel Use to Increase Output Power . 21
15. Reliability ...........................................................10
27.9. Parallel Use for Redundancy.................. 21
16. EMC....................................................................11
27.10.Daisy Chaining of Outputs..................... 21
17. Environment ......................................................12
27.11.Series Operation..................................... 22
18. Protection Features ...........................................13
27.12.Inductive and Capacitive Loads ............. 22
19. Safety .................................................................13
27.13.Use in a Tightly Sealed Enclosure .......... 22
20. Dielectric Strength ............................................13
27.14.Mounting Orientations .......................... 23
21. Approvals...........................................................14
INTENDED USE
The power supply shall only be installed and put into operation by qualified personnel.
This power supply is designed for installation in an enclosure and is intended for the general use, such as in industrial
control, office, communication, and instrumentation equipment. Do not use this device in aircraft, trains and nuclear
equipment, where malfunctioning of the power supply may cause severe personal injury or threaten human life.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 400V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
As long as not otherwise stated, AC 380V and AC 400V parameters are valid at 50Hz and AC
480V parameters are valid at 60Hz mains frequency.
400Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
DISCLAIMER
The information presented in this document is believed to be accurate and reliable and may change without notice.
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com