Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7477AARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD7477AARM
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7477AARM Datasheet HTML 8Page - Analog Devices AD7477AARM Datasheet HTML 9Page - Analog Devices AD7477AARM Datasheet HTML 10Page - Analog Devices AD7477AARM Datasheet HTML 11Page - Analog Devices AD7477AARM Datasheet HTML 12Page - Analog Devices AD7477AARM Datasheet HTML 13Page - Analog Devices AD7477AARM Datasheet HTML 14Page - Analog Devices AD7477AARM Datasheet HTML 15Page - Analog Devices AD7477AARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. C
–12–
AD7476A/AD7477A/AD7478A
FREQUENCY – kHz
5
–55
–115
0
500
50
100
150
200
250
300
350
400
450
–15
–35
–75
–95
8192 POINT FFT
VDD = 2.7V
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 72.05dB
THD = –82.87dB
SFDR = –87.24dB
TPC 1. AD7476A Dynamic Performance at 1 MSPS
FREQUENCY – kHz
–45
–105
–5
–25
–65
–85
8192 POINT FFT
VDD = 2.35V
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 61.67dB
THD = –79.59dB
SFDR = –82.93dB
0
500
50
100
150
200
250
300
350
400
450
TPC 2. AD7477A Dynamic Performance at 1 MSPS
FREQUENCY – kHz
5
–25
–55
–5
–15
–35
–45
8192 POINT FFT
VDD = 2.35V
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 49.77dB
THD = –75.51dB
SFDR = –70.71dB
0
500
50
100
150
200
250
300
350
400
450
–75
–65
–85
–95
TPC 3. AD7478A Dynamic Performance at 1 MSPS
FREQUENCY – kHz
–66
–69
–72
10
1000
100
–67
–68
–70
–71
–73
–74
VDD = 5.25V
VDD = 2.35V
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
TPC 4. AD7476A SINAD vs. Input Frequency at 1 MSPS
TPC 1, TPC 2, and TPC 3 each show a typical FFT plot for the
AD7476A, AD7477A, and AD7478A, respectively, at a 1 MSPS
sample rate and 100 kHz input frequency.
TPC 4 shows the signal-to-(noise + distortion) ratio performance
versus the input frequency for various supply voltages while sampling
at 1 MSPS with an SCLK frequency of 20 MHz for the AD7476A.
TPC 5 and TPC 6 show INL and DNL performance for the
AD7476A.
TPC 7 shows a graph of the total harmonic distortion versus the
analog input frequency for different source impedances when
using a supply voltage of 3.6 V and sampling at a rate of 1 MSPS
(see Analog Input section).
TPC 8 shows a graph of the total harmonic distortion versus the
analog input signal frequency for various supply voltages while
sampling at 1 MSPS with an SCLK frequency of 20 MHz.
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com